Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD679 Datasheet(PDF) 11 Page - Analog Devices

Part # AD679
Description  14-Bit 128 kSPS Complete Sampling ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD679 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD679_15 Datasheet HTML 7Page - Analog Devices AD679_15 Datasheet HTML 8Page - Analog Devices AD679_15 Datasheet HTML 9Page - Analog Devices AD679_15 Datasheet HTML 10Page - Analog Devices AD679_15 Datasheet HTML 11Page - Analog Devices AD679_15 Datasheet HTML 12Page - Analog Devices AD679_15 Datasheet HTML 13Page - Analog Devices AD679_15 Datasheet HTML 14Page - Analog Devices AD679_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD679
REV. D
–11–
and digital ground planes are also desirable, with a single inter-
connection point to minimize ground loops. Analog signals
should be routed as far as possible from digital signals and
should cross them at right angles.
The AD679 incorporates several features to help the user’s lay-
out. Analog pins (VEE, AIN, AGND, REFOUT, REFIN, BIPOFF,
VCC) are adjacent to help isolate analog from digital signals. In
addition, the 10 M
Ω input impedance of AIN minimizes input
trace impedance errors. Finally, ground currents have been
minimized by careful circuit architecture. Current through
AGND is 200
µA, with no code dependent variation. The cur-
rent through DGND is dominated by the return current for
DB7–DB0 and EOC.
SUPPLY DECOUPLING
The AD679 power supplies should be well filtered, well regu-
lated, and free from high frequency noise. Switching power sup-
plies are not recommended due to their tendency to generate
spikes that can induce noise in the analog system.
Decoupling capacitors should be used in very close layout prox-
imity between all power supply pins and analog ground. A 10
µF
tantalum capacitor in parallel with a 0.1
µF ceramic capacitor
provides adequate decoupling.
An effort should be made to minimize the trace length between
the capacitor leads and the respective converter power supply
and common pins. The circuit layout should attempt to locate
the AD679, associated analog input circuitry, and interconnec-
tions as far as possible from logic circuitry. A solid analog
ground plane around the AD679 isolates large switching ground
currents. For these reasons, the use of wire wrap circuit con-
struction is not recommended; careful printed circuit construc-
tion is preferred.
GROUNDING
If a single AD679 is used with separate analog and digital
ground planes, connect the analog ground plane to AGND and
the digital ground plane to DGND, keeping lead lengths as
short as possible. Then connect AGND and DGND together at
the AD679. If multiple AD679s are used or if the AD679 shares
analog supplies with other components, connect the analog and
digital returns together once at the power supplies rather than at
each chip. This prevents large ground loops, which inductively
couple noise and allow digital currents to flow through the ana-
log system.
USE OF EXTERNAL VOLTAGE REFERENCE
The AD679 features an on-chip voltage reference. For improved
gain accuracy over temperature, a high performance external
voltage reference may be used in place of the on-chip reference.
The AD586 and AD588 are popular references appropriate for
use with high resolution converters. The AD586 is a low cost
reference that utilizes a buried Zener architecture to provide low
noise and drift. The AD588 is a higher performance reference
that uses a proprietary implanted buried Zener diode in con-
junction with laser-trimmed thin-film resistors for low offset and
low drift.
Figure 7 shows the use of the AD586 with the AD679 in a bipolar
input mode. Over the 0
°C to 70°C range, the AD586 L-grade
exhibits less than a 2.25 mV output change from its initial value
at 25
°C. REF
IN (Pin 9) scales its input by a factor of two; thus,
this change becomes effectively 4.5 mV. When applied to the
AD679, this results in a total gain drift of 0.09% FSR, which is
an improvement over the on-chip reference performance of
0.11% FSR. A noise-reduction capacitor, CN, has been shown.
This capacitor reduces the broadband noise of the AD586 out-
put, thereby optimizing the overall ac and dc performance of the
AD679.
Figure 7. Bipolar Input with Gain and Offset Trims
Figure 8 shows the AD679 in unipolar input mode with the
AD588 reference. The AD588 output is accurate to 0.65 mV
from its value at 25
°C over the 0°C to 70°C range. This results
in a 0.06% FSR total gain drift for the AD679, a substantial im-
provement over the on-chip reference performance of 0.11%
FSR. A noise-reduction network on Pins 4, 6, and 7 has been
shown. The 1
µF capacitors form low-pass filters with the inter-
nal resistance of the AD588 Zener and amplifier cells and exter-
nal resistance. This reduces the high frequency (to 1 MHz)
noise of the AD588, providing optimum ac and dc performance
of the AD679.
REFIN
Figure 8. Unipolar Input with Gain and Offset Trims



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com