Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP07 Datasheet(PDF) 5 Page - Tiger Electronic Co.,Ltd

Part # OP07
Description  PRECISION OPERATIONAL AMPLIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

OP07 Datasheet(HTML) 5 Page - Tiger Electronic Co.,Ltd

  OP07 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd OP07 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd OP07 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd OP07 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd OP07 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
OP07 CP / DP , CDR / DDR
operating characteristics, VCC
± = ±15 V, TA = 25°C
PARAMETER
TEST CONDITIONS†
OP07Y
UNIT
MIN
TYP
MAX
Vn
Equivalent input noise voltage
f = 10 Hz
10.5
nV/Hz
f = 1 kHz
10.3
f = 0.1 Hz to 10 Hz
9.8
VN(PP) Peak-to-peak equivalent input noise voltage
f = 0.1 Hz to 10 Hz
0.38
V
In
Equivalent input noise current
f = 10 Hz
0.35
pA/Hz
f = 100 Hz
0.15
f = 1 kHz
0.13
IN(PP)
Peak-to-peak equivalent input noise current
f = 0.1 Hz to 10 Hz
15
pA
SR
Slew rate
RL = 2 k
0.3
V/ s
† All characteristics are measured under open-loop conditions with zero common-mode input voltage unless otherwise noted.
APPLICATION INFORMATION
OFFSET N1
1
IN +
3
+
20 k
OFFSET
N2
8
VCC
2
IN –
Figure 1. Input Offset Voltage Null Circuit
–
4
VCC –
7
6
OU



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com