Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP07 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # OP07
Description  PRECISION OPERATIONAL AMPLIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

OP07 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  OP07 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd OP07 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd OP07 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd OP07 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd OP07 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
8
2
7
3
6
4
5
TA
VIOmax
AT 25
°C
PACKAGED DEVICES
SMALL OUTLINE
(D)
PLASTIC DIP
(P)
0
°C to 70°C
150
V
OP07CD
OP07DD
OP07CP
OP07DP
OP07 CP / DP , CDR / DDR
PRECISION OPERATIONAL AMPLIFIERS
Low Noise
No External Components Required
D OR P PACKAGE
(TOP VIEW)
Replaces Chopper Amplifiers at a Lower
Cost
Single-Chip Monolithic Fabrication
Wide Input Voltage Range
0 to
±14 V Typ
Wide Supply Voltage Range
±3 V to ±18 V
symbol
OFFSET N1
IN –
IN +
VCC–
NC – No internal connection
OFFSET N1
1
OFFSET N2
VCC+
OUT
NC
IN +
3
+
6
OUT
description
IN –
2
–
8
OFFSET N2
These devices represent a breakthrough in operational amplifier performance. Low offset and long-term stability
are achieved by means of a low-noise, chopperless, bipolar-input-transistor amplifier circuit. For most
applications, external components are not required for offset nulling and frequency compensation. The true
differential input, with a wide input voltage range and outstanding common-mode rejection, provides maximum
flexibility and performance in high-noise environments and in noninverting applications. Low bias currents and
extremely high input impedances are maintained over the entire temperature range. The OP07 is unsurpassed
for low-noise, high-accuracy amplification of very low-level signals.
These devices are characterized for operation from 0
°C to 70°C.
AVAILABLE OPTIONS
TIGER ELECTRONIC CO.,LTD


Similar Part No. - OP07

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP07 AD-OP07 Datasheet
448Kb / 10P
Ultralow Offset Voltage Dual Operational Amplifier
logo
Maxim Integrated Produc...
OP07 MAXIM-OP07 Datasheet
262Kb / 8P
Low Offset Voltage Operational Amplifier
Rev 1; 8/95
logo
Analog Devices
OP07 AD-OP07 Datasheet
311Kb / 16P
Ultralow Offset Voltage Operational Amplifier
Rev. D
logo
STMicroelectronics
OP07 STMICROELECTRONICS-OP07 Datasheet
94Kb / 8P
Very low offset single bipolar operational amplifier
23-Jul-2007
logo
Intersil Corporation
OP07 INTERSIL-OP07 Datasheet
4Mb / 122P
P-CHANNEL JFET
More results

Similar Description - OP07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OP07C TI-OP07C Datasheet
133Kb / 7P
PRECISION OPERATIONAL AMPLIFIERS
logo
Harris Corporation
CA3493 HARRIS-CA3493 Datasheet
511Kb / 11P
BiMOS Precision Operational Amplifiers
logo
Raytheon Company
RC4277 RAYTHEON-RC4277 Datasheet
198Kb / 6P
Dual Precision Operational Amplifiers
logo
Motorola, Inc
LM11C MOTOROLA-LM11C Datasheet
359Kb / 6P
Precision Operational Amplifiers
logo
Texas Instruments
OP07C TI-OP07C_06 Datasheet
264Kb / 11P
PRECISION OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA277 BURR-BROWN-OPA277_05 Datasheet
921Kb / 25P
High Precision OPERATIONAL AMPLIFIERS
logo
Analog Devices
OP193FSZ AD-OP193FSZ Datasheet
380Kb / 20P
Precision, Micropower Operational Amplifiers
REV. C
logo
Tiger Electronic Co.,Lt...
OP07CDR TGS-OP07CDR Datasheet
359Kb / 5P
PRECISION OPERATIONAL AMPLIFIERS
OP07CP TGS-OP07CP Datasheet
359Kb / 5P
PRECISION OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OP07C TI1-OP07C Datasheet
927Kb / 21P
Precision Operational Amplifiers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com