Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT7130LA55CB Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT7130LA55CB
Description  HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7130LA55CB Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT7130LA55CB Datasheet HTML 3Page - Integrated Device Technology IDT7130LA55CB Datasheet HTML 4Page - Integrated Device Technology IDT7130LA55CB Datasheet HTML 5Page - Integrated Device Technology IDT7130LA55CB Datasheet HTML 6Page - Integrated Device Technology IDT7130LA55CB Datasheet HTML 7Page - Integrated Device Technology IDT7130LA55CB Datasheet HTML 8Page - Integrated Device Technology IDT7130LA55CB Datasheet HTML 9Page - Integrated Device Technology IDT7130LA55CB Datasheet HTML 10Page - Integrated Device Technology IDT7130LA55CB Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
6.01
7
IDT7130SA/LA AND IDT7140SA/LA
HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM WITH INTERRUPTS
MILITARY AND COMMERCIAL TEMPERATURE RANGES
TIMING WAVEFORM OF READ CYCLE NO. 2, EITHER SIDE(3)
AC ELECTRICAL CHARACTERISTICS OVER THE
OPERATING TEMPERATURE AND SUPPLY VOLTAGE RANGE(5)
7130X20(2)
7130X25(6)
7130X35
7130X55
7130X100
7140X25(6)
7140X35
7140X55
7140X100
Symbol
Parameter
Min.
Max.
Min. Max.
Min.
Max. Min.
Max.
Min.
Max.
Unit
Write Cycle
tWC
Write Cycle Time(3)
20
—
25
—
35
—
55
—
100
—
ns
tEW
Chip Enable to End-of-Write
15
—
20
—
30
—
40
—
90
—
ns
tAW
Address Valid to End-of-Write
15
—
20
—
30
—
40
—
90
—
ns
tAS
Address Set-up Time
0
—
0
—
0
—
0
—
0
—
ns
tWP
Write Pulse Width(4)
15
—
15
—
25
—
30
—
55
—
ns
tWR
Write Recovery Time
0
—
0
—
0
—
0
—
0
—
ns
tDW
Data Valid to End-of-Write
10
—
12
—
15
—
20
—
40
—
ns
tHZ
Output High-Z Time
(1)
—10
—
10
—15
—
25
—
40
ns
tDH
Data Hold Time
0
—
0
—
0
—
0
—
0
—
ns
tWZ
Write Enabled to Output in High-Z
(1)
—10
—
10
—15
—
25
—
40
ns
tOW
Output Active From End-of-Write(1)
0—
0—
0—
0—
0
—
ns
NOTES:
2689 tbl 10
1. Transition is measured
±500mV from Low or High-impedance voltage with Output Test Load (Figure 2). This parameter is guaranteed by
device characterization but is not production tested.
2. 0
°C to +70°C temperature range only, PLCC and TQFP packages.
3. For MASTER/SLAVE combination, tWC = tBAA + tWP, since R/
W = VIL must occur after tBAA.
4. If
OE is low during a R/W controlled write cycle, the write pulse width must be the larger of tWP or (tWZ + tDW) to allow the I/O drivers to turn off
data to be placed on the bus for the required tDW. If
OE is High during a R/W controlled write cycle, this requirement does not apply and the
write pulse can be as short as the specified tWP.
5. “X” in part numbers indicates power rating (SA or LA).
6. Not available in DIP packages.
tACE
tAOE
tHZ
tLZ
tPD
VALID DATA
tPU
50%
DATAOUT
CURRENT
ICC
ISS
50%
2689 drw 09
(4)
(1)
(1)
(2)
(2)
(4)
tLZ
tHZ
NOTES:
1. Timing depends on which signal is asserted last,
OE or CE.
2. Timing depends on which signal is deaserted first,
OE or CE.
3. R/
W = VIH and the address is valid prior to or coincidental with CE transition Low.
4. Start of valid data depends on which timing becomes effective last tAOE, tACE, tAA, and tBDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com