Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT7130LA55CB Datasheet(PDF) 12 Page - Integrated Device Technology

Part # IDT7130LA55CB
Description  HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7130LA55CB Datasheet(HTML) 12 Page - Integrated Device Technology

Back Button IDT7130LA55CB Datasheet HTML 6Page - Integrated Device Technology IDT7130LA55CB Datasheet HTML 7Page - Integrated Device Technology IDT7130LA55CB Datasheet HTML 8Page - Integrated Device Technology IDT7130LA55CB Datasheet HTML 9Page - Integrated Device Technology IDT7130LA55CB Datasheet HTML 10Page - Integrated Device Technology IDT7130LA55CB Datasheet HTML 11Page - Integrated Device Technology IDT7130LA55CB Datasheet HTML 12Page - Integrated Device Technology IDT7130LA55CB Datasheet HTML 13Page - Integrated Device Technology IDT7130LA55CB Datasheet HTML 14Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
IDT7130SA/LA AND IDT7140SA/LA
HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM WITH INTERRUPTS
MILITARY AND COMMERCIAL TEMPERATURE RANGES
6.01
12
TRUTH TABLES
TABLE I — NON-CONTENTION
READ/WRITE CONTROL(4)
Left or Right Port(1)
R/
W
W
W
W
W CE
CE
CE
CE
CE
OE
OE
OE
OE
OE
D0–7
Function
X
H
X
Z
Port Disabled and in Power-
Down Mode, ISB2 or ISB4
XH
X
Z
CER = CEL = VIH, Power-Down
Mode, ISB1 or ISB3
L
L
X
DATAIN
Data on Port Written Into Memory
(2)
H
L
L
DATAOUT Data in Memory Output on Port
(3)
H
L
H
Z
High Impedance Outputs
NOTES:
2689 tbl 13
1. A0L – A10L
≠ A0R – A10R.
2. If
BUSY = L, data is not written.
3. If
BUSY = L, data may not be valid, see tWDD and tDDD timing.
4. 'H' = VIH, 'L' = VIL, 'X' = DON’T CARE, 'Z' = HIGH IMPEDANCE
TABLE III — ADDRESS BUSY ARBITRATION
Inputs
Outputs
A0L-A9L
CE
CE
CE
CE
CEL
CE
CE
CE
CE
CER
A0R-A9R
BUSY
BUSY
BUSY
BUSY
BUSYL
(1)
BUSY
BUSY
BUSY
BUSY
BUSYR
(1)
Function
XX
NO MATCH
H
H
Normal
HX
MATCH
H
H
Normal
XH
MATCH
H
H
Normal
LL
MATCH
(2)
(2)
Write Inhibit
(3)
NOTES:
2689 tbl 15
1. Pins
BUSYL and BUSYR are both outputs for IDT7130 (master). Both are
inputs for IDT7140 (slave).
BUSYX outputs on the IDT7130 are open drain,
not push-pull outputs. On slaves the
BUSYX input internally inhibits writes.
2. 'L' if the inputs to the opposite port were stable prior to the address and
enable inputs of this port. 'H' if the inputs to the opposite port became
stable after the address and enable inputs of this port. If tAPS is not met,
either
BUSYL or BUSYR = Low will result. BUSYL and BUSYR outputs can
not be low simultaneously.
3. Writes to the left port are internally ignored when
BUSYL outputs are
driving Low regardless of actual logic level on the pin. Writes to the right
port are internally ignored when
BUSYR outputs are driving Low regard-
less of actual logic level on the pin.
TABLE II — INTERRUPT FLAG(1,4)
Left Port
Right Port
R/
W
W
W
W
WL
CE
CE
CE
CE
CEL
OE
OE
OE
OE
OEL
A9L – A0L
INT
INT
INT
INT
INTL
R/
W
W
W
W
WR
CE
CE
CE
CE
CER
OE
OE
OE
OE
OER
A9L – A0R
INT
INT
INT
INT
INTR
Function
L
L
X
3FF
XX
XX
X
L
(2)
Set Right
INTR Flag
X
X
X
X
X
X
L
L
3FF
H
(3)
Reset Right
INTR Flag
XX
X
X
L
(3)
L
L
X
3FE
X
Set Left
INTL Flag
X
L
L
3FE
H
(2)
X
X
X
X
X
Reset Left
INTL Flag
NOTES:
2689 tbl 14
1. Assumes
BUSYL = BUSYR = VIH
2. If
BUSYL = VIL, then No Change.
3. If
BUSYR = VIL, then No Change.
4. 'H' = HIGH,' L' = LOW,' X' = DON’T CARE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com