Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MC6 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L99MC6
Description  for car body applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MC6 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L99MC6 Datasheet HTML 11Page - STMicroelectronics L99MC6 Datasheet HTML 12Page - STMicroelectronics L99MC6 Datasheet HTML 13Page - STMicroelectronics L99MC6 Datasheet HTML 14Page - STMicroelectronics L99MC6 Datasheet HTML 15Page - STMicroelectronics L99MC6 Datasheet HTML 16Page - STMicroelectronics L99MC6 Datasheet HTML 17Page - STMicroelectronics L99MC6 Datasheet HTML 18Page - STMicroelectronics L99MC6 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
14
Power management for automotive systems
Part number
Package
Transceiver
Voltage regulators
Driver stages
On-board features
Description
Transmission
rate
Transceiver
description
Outputs Accuracy
Drop voltage
V
DP (typ)
(mV)
Reset Watchdog Outputs Driver description
L4969URD-E
SO‑20
125 kbaud
Fault tolerant
low‑speed CAN
transceiver
5 V @
200 mA
± 2 %
250 @ I
LOAD =
100 mA
•
•
Basic system chip
L4969UR-E
PowerSO‑20
125 kbaud
Fault tolerant
low‑speed CAN
transceiver
5 V @
200 mA
± 2 %
400 @ I
LOAD =
150 mA
•
•
Basic system chip
L9952GXP
PowerSSO‑36
20 kbaud
LIN transceiver
5 V @
250 mA
± 2 %
300 @ I
LOAD =
100 mA
•
•
4
HSD 1Ω @ 120 mA • 4 wake‑up inputs for
contact monitoring
• Fail‑safe output
• Two op‑amps for current
sense interfacing
• Inhibit input for wake‑up
from external CAN
Power management
IC with LIN
5 V @
100 mA
± 4%
400 @ I
LOAD =
50 mA
1
HSD 1Ω @ 400 mA
2
Relay drivers (2 Ω)
L99PM62GXP
PowerSSO‑36
20 kbaud
LIN and HS CAN
transceivers
5 V @
250 mA
± 2%
300 @ I
LOAD =
100 mA
•
•
4
HSD 1 Ω @ 120 mA
• Complete 3‑channel contact
monitoring interface with
programmable cyclic sense
functionality
• 4 internal PWM timers
• Two op‑amps with rail‑
to‑rail outputs (VS) and
low‑voltage inputs
• Programmable periodic
system wake‑up feature
Power management
IC with LIN and high‑
speed CAN
1
HSD 1 Ω @ 400 mA
5 V @
100 mA
±4 % (3%
@ 50 mA)
400 @ I
LOAD =
50 mA
2
Relay drivers (2 Ω)
L99PM60J
PowerSSO‑16
20 kbaud
LIN transceiver
5 V @
100 mA
± 2 %
300 @ I
LOAD =
100 mA
•
•
2
HSD 7Ω @ 60 mA
• Configurable fail‑safe output
• ST SPI interface for mode
control and diagnostics
• Direct drive feature for HSD
Power management
IC with LIN
2
Relay drivers (2 Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com