Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MC6 Datasheet(PDF) 21 Page - STMicroelectronics

Part # L99MC6
Description  for car body applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MC6 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L99MC6 Datasheet HTML 14Page - STMicroelectronics L99MC6 Datasheet HTML 15Page - STMicroelectronics L99MC6 Datasheet HTML 16Page - STMicroelectronics L99MC6 Datasheet HTML 17Page - STMicroelectronics L99MC6 Datasheet HTML 18Page - STMicroelectronics L99MC6 Datasheet HTML 19Page - STMicroelectronics L99MC6 Datasheet HTML 20Page - STMicroelectronics L99MC6 Datasheet HTML 21Page - STMicroelectronics L99MC6 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
20
Part numbering scheme
GET THE RIGHT PRODUCT FOR YOUR NEEDS
M0‑5 standard version
M0-5 standard series is a complete product portfolio
intended for typical loads in automotive applications, such
as a high beam, low beam, turn indicator, interior lighting.
For each R
DS(on) rating, single-, dual- and quad-channel
options are available. Moreover, the devices are equipped
with digital diagnostics or with analog current sense.
M0‑5Enhanced version
In addition to the standard protection and diagnostic
features, M0-5Enhanced products offer:
Extended load compatibility due to higher current
limitation
Immediate diagnosis reaction over short-to-ground or
overload (power limitation detection)
Open-load/short-to-V
CC detection in off-state for the
analog current sense option as well
M0‑5Enhanced M version
The M versions complete the product portfolio with
devices having the same specification as M0-5Enhanced
except for the open-load detection in off-state.
M0‑7 version
The brand new M0-7 Product Family further extends the
wide range of R
DS(on) for optimal device-load pairing in
smaller packages and with full pin-to-pin compatibility.
M0-5/M0-5ENHANCED/M VERSION PART NUMBERING SCHEME
‑E
Leadfree
VN
X
5
X
XXX
X
X
-E
R
DS(on) value
Example:
050
50 mohm
VIPower technology
M0‑5 technology
Package
S
SO‑8
J
PowerSSO‑12/16
K
PowerSSO‑24
Y
PowerSSO‑36
Number of channels
Blank
1 channel
D
Dual channel
Q
Quad channels
Blank
Standard version
E
Enhanced version
Blank
Digital status
A
Analog current sense
M
Analog current sense
M version
M0-7 PART NUMBERING SCHEME
‑E
Leadfree
VN
X
7
XXX
A
X
-E
R
DS(on) value
Example:
050
50 mohm
VIPower technology
M0‑7 technology
Package
S
SO‑8
J
PowerSSO‑12/16
Y
PowerSSO‑36
Number of channels
Blank
1 channel
D
Dual channel
Q
Quad channels
Analog current sense



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com