Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9517ATP Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCA9517ATP
Description  Level translating I2C-bus repeater
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9517ATP Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCA9517ATP Datasheet HTML 5Page - NXP Semiconductors PCA9517ATP Datasheet HTML 6Page - NXP Semiconductors PCA9517ATP Datasheet HTML 7Page - NXP Semiconductors PCA9517ATP Datasheet HTML 8Page - NXP Semiconductors PCA9517ATP Datasheet HTML 9Page - NXP Semiconductors PCA9517ATP Datasheet HTML 10Page - NXP Semiconductors PCA9517ATP Datasheet HTML 11Page - NXP Semiconductors PCA9517ATP Datasheet HTML 12Page - NXP Semiconductors PCA9517ATP Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
PCA9517A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 9 May 2012
9 of 22
NXP Semiconductors
PCA9517A
Level translating I2C-bus repeater
8.
Limiting values
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC(B)
supply voltage port B
2.7 V to 5.5 V
−0.5
+7
V
VCC(A)
supply voltage port A
adjustable
−0.5
+7
V
VI/O
voltage on an input/output pin
port A and port B; enable pin (EN)
−0.5
+7
V
II/O
input/output current
port A; port B
-
50
mA
II
input current
EN, VCC(A), VCC(B), GND
-
50
mA
Ptot
total power dissipation
-
100
mW
Tstg
storage temperature
−55
+125
°C
Tamb
ambient temperature
operating in free air
−40
+85
°C
Tj
junction temperature
-
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com