Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9517ATP Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9517ATP
Description  Level translating I2C-bus repeater
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9517ATP Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9517ATP Datasheet HTML 1Page - NXP Semiconductors PCA9517ATP Datasheet HTML 2Page - NXP Semiconductors PCA9517ATP Datasheet HTML 3Page - NXP Semiconductors PCA9517ATP Datasheet HTML 4Page - NXP Semiconductors PCA9517ATP Datasheet HTML 5Page - NXP Semiconductors PCA9517ATP Datasheet HTML 6Page - NXP Semiconductors PCA9517ATP Datasheet HTML 7Page - NXP Semiconductors PCA9517ATP Datasheet HTML 8Page - NXP Semiconductors PCA9517ATP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
PCA9517A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 9 May 2012
2 of 22
NXP Semiconductors
PCA9517A
Level translating I2C-bus repeater
2.
Features and benefits
2 channel, bidirectional buffer isolates capacitance and allows 400 pF on either side of
the device
Voltage level translation from 0.9 V to 5.5 V and from 2.7 V to 5.5 V
Footprint and functional replacement for PCA9515/15A
I2C-bus and SMBus compatible
Active HIGH repeater enable input
Open-drain input/outputs
Lock-up free operation
Supports arbitration and clock stretching across the repeater
Accommodates Standard-mode and Fast-mode I2C-bus devices and multiple masters
Powered-off high-impedance I2C-bus pins
Port A operating supply voltage range of 0.9 V to 5.5 V
Port B operating supply voltage range of 2.7 V to 5.5 V
5V tolerant I2C-bus and enable pins
0 Hz to 400 kHz clock frequency (the maximum system operating frequency may be
less than 400 kHz because of the delays added by the repeater)
ESD protection exceeds 5500 V HBM per JESD22-A114 and 1000 V CDM per
JESD22-C101
Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA
Packages offered: SO8, TSSOP8 and HWSON8
3.
Ordering information
[1]
Also known as MSOP8.
[2]
PCA9517ADP/DG is functionally the same (electrically and mechanically) as the PCA9517ADP, but was initially produced (e.g., “born”)
with Dark Green (lead-free and halogen/antimony-free) package material and is a temporary unique orderable part number for
customers who desire to order and only receive Dark Green package material. The standard part PCA9517ADP will transition to Dark
Green package material in 2Q’12 and then the PCA9517ADP and PCA9517ADP/DG devices will be identical. The PCA9517ADP/DG
part number will be EOL after several years as customers who used this temporary part number update their BOM to the normal part
number.
Table 2.
Ordering information
Tamb =
−40 °C to +85 °C.
Type number
Topside
mark
Package
Name
Description
Version
PCA9517AD
PA9517A
SO8
plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1
PCA9517ADP
9517A
TSSOP8[1]
plastic thin shrink small outline package; 8 leads;
body width 3 mm
SOT505-1
PCA9517ADP/DG
9517A
TSSOP8[1][2] plastic thin shrink small outline package; 8 leads;
body width 3 mm
SOT505-1
PCA9517ATP
17A
HWSON8
plastic thermal enhanced very very thin small outline
package; no leads; 8 terminals; body 2
× 3 × 0.8 mm
SOT1069-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com