Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMP3205 Datasheet(PDF) 2 Page - Guilin Strong Micro-Electronics Co., Ltd.

Part # GMP3205
Description  N-channel 55V, 110A, TO-220 PowerMOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSME [Guilin Strong Micro-Electronics Co., Ltd.]
Direct Link  http://www.gsme.com.cn
Logo GSME - Guilin Strong Micro-Electronics Co., Ltd.

GMP3205 Datasheet(HTML) 2 Page - Guilin Strong Micro-Electronics Co., Ltd.

  GMP3205 Datasheet HTML 1Page - Guilin Strong Micro-Electronics Co., Ltd. GMP3205 Datasheet HTML 2Page - Guilin Strong Micro-Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
桂 林 斯 壯 微 電 子 有 限 責 任 公 司
Guilin
Guilin
Guilin
Guilin Strong
Strong
Strong
Strong Micro-Electronics
Micro-Electronics
Micro-Electronics
Micro-Elec tronics Co.,Ltd.
Co.,Ltd.
Co.,Ltd.
Co.,Ltd.
GMP3205
▉
E
E
E
Electerical
lecterical
lecterical
lecterical C
C
C
Characteristics
haracteristics
haracteristics
haracteristics 電特性
(TA=25℃ unless otherwise noted 如無特殊說明,溫度爲 25℃)
Characteristic
特性參數
Symbol
符號
Min
最小值
Typ
典型值
Max
最大值
Unit
單位
Drain-Source Breakdown Voltage
漏極-源極擊穿電壓(ID =250uA,VGS=0V)
BVDSS
55
—
—
V
Gate Threshold Voltage
栅極開启電壓(ID =250uA,VGS= VDS)
VGS(th)
2
—
4
V
Zero Gate Voltage Drain Current
零栅壓漏極電流(VGS=0V, VDS= 55V)
IDSS
—
—
25
u
A
Gate Body Leakage
栅極漏電流(VGS=+20V, VDS=0V)
IGSS
—
—
+100
n
A
Static Drain-Source On-State Resistance
静态漏源導通電阻(ID=62A,VGS=10V)
RDS(ON)
—
—
8.0
mΩ
Source Drain Current
源極-漏極電流
ISD
—
—
110
A
Source Drain Current (pulsed)
源極-漏極電流(脉冲)
ISDM
—
—
390
A
Diode Forward Voltage Drop
内附二極管正向壓降(ISD=62A,VGS=0V)
VSD
—
—
1.3
V
Input Capacitance 輸入電容
(VGS=0V, VDS=25V,f=1MHz)
CISS
—
—
3247
pF
Common Source Output Capacitance
共源輸出電容(VGS=0V, VDS=25V,f=1MHz)
COSS
—
—
781
pF
Gate Source Charge 栅源電荷密度
(VDS=44V, ID=62A, VGS=10V)
Qgs
—
35
—
nC
Gate Drain Charge 栅漏電荷密度
(VDS=44V, ID=62A, VGS=10V)
Qgd
—
54
—
nC
Turn-On Delay Time 開启延迟時間
(VDS=28V, ID=62A, RGEN=4.5Ω,VGS=10V)
td(on)
—
14
—
ns
Turn-On Rise Time 開启上升時間
(VDS=28V, ID=62A, RGEN=4.5Ω,VGS=10V)
tr
—
101
—
ns
Turn-Off Delay Time 關断延迟時間
(VDS=28V, ID=62A, RGEN=4.5Ω,VGS=10V)
td(off)
—
50
—
ns
Turn-On Fall Time 開启下降時間
(VDS=28V, ID=62A, RGEN=4.5Ω,VGS=10V)
tf
—
65
—
ns



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com