Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMP3205 Datasheet(PDF) 1 Page - Guilin Strong Micro-Electronics Co., Ltd.

Part # GMP3205
Description  N-channel 55V, 110A, TO-220 PowerMOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSME [Guilin Strong Micro-Electronics Co., Ltd.]
Direct Link  http://www.gsme.com.cn
Logo GSME - Guilin Strong Micro-Electronics Co., Ltd.

GMP3205 Datasheet(HTML) 1 Page - Guilin Strong Micro-Electronics Co., Ltd.

  GMP3205 Datasheet HTML 1Page - Guilin Strong Micro-Electronics Co., Ltd. GMP3205 Datasheet HTML 2Page - Guilin Strong Micro-Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
桂 林 斯 壯 微 電 子 有 限 責 任 公 司
Guilin
Guilin
Guilin
Guilin Strong
Strong
Strong
Strong Micro-Electronics
Micro-Electronics
Micro-Electronics
Micro-Elec tronics Co.,Ltd.
Co.,Ltd.
Co.,Ltd.
Co.,Ltd.
GMP3205
N-channel
N-channel
N-channel
N-channel 55V,
55V,
55V,
55V, 110A,
110A,
110A,
110A, TO-220
TO-220
TO-220
TO-220
Power
Power
Power
Power MOSFET
MOSFET
MOSFET
MOSFET 功率场效应管
▉
F
F
F
Features
eatures
eatures
eatures 特點
Ultra low on-resistance 超低導通電阻
Low gate charge 低栅電荷密度
Fast switching 快速開關能力
High operating temperature 高工作温度范围
▉
Applications
Applications
Applications
Applications 应用
Switch mode power supplies 開關電源
DC-DC converters and UPS 直流直流变换和不间断電源
PWM motor controls 脉宽调制電机控制
General switching applications 普通開關应用
▉
Internal
Internal
Internal
Internal Schematic
Schematic
Schematic
Schematic Diagram
Diagram
Diagram
Diagram 内部结构
▉
Absolute
Absolute
Absolute
Absolute Maximum
Maximum
Maximum
Maximum Ratings
Ratings
Ratings
Ratings 最大额定值
Characteristic 特性參數
Symbol 符號
Max 最大值
Unit 單位
Drain-Source Voltage
漏極-源極電壓
BVDSS
55
V
Gate- Source Voltage 栅極-源極電壓
VGS
+20
V
Drain Current (continuous)漏極電流-連續
ID(at TC = 25°C
at TC = 100°C)
110
80
A
Drain Current (pulsed)漏極電流-脉冲
IDM
390
A
Total Device Dissipation 總耗散功率
PTOT(at TC = 25°C)
200
W
Thermal Resistance Junction-Case 熱阻
R
ΘJC
0.75
℃/W
Thermal Resistance Junction-Ambient 熱阻
R
ΘJA
62
℃/W
Junction/Storage Temperature
結溫/儲存溫度
TJ,Tstg
-55~175
℃


Similar Part No. - GMP3205

ManufacturerPart #DatasheetDescription
logo
Vaisala
GMP343 VAISALA-GMP343 Datasheet
209Kb / 3P
GMP343 Carbon Dioxide Probe
logo
TT MOTOR (HK) INDUSTRIA...
GMP36-555PM TTMOTOR-GMP36-555PM Datasheet
889Kb / 1P
36mm planetary gearbox plus 555permanent magnet DC motor
GMP36-TEC3650 TTMOTOR-GMP36-TEC3650 Datasheet
2Mb / 1P
36mm planetary gearbox plus 36mm brushless motor
More results

Similar Description - GMP3205

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP80NF55-06 STMICROELECTRONICS-STP80NF55-06 Datasheet
48Kb / 6P
N - CHANNEL 55V - 0.005ohm - 80A TO-220/TO-220FP STripFET POWER MOSFET
Jul-1999
STP80NF55L-06 STMICROELECTRONICS-STP80NF55L-06 Datasheet
83Kb / 8P
N - CHANNEL 55V - 0.005 ohm - 80A TO-220 STripFET POWER MOSFET
Oct-1999
STP80NF55L-08 STMICROELECTRONICS-STP80NF55L-08 Datasheet
320Kb / 8P
N-CHANNEL 55V - 0.0065ohm - 80A - TO-220/D2PAK STripFET™ II POWER MOSFET
Apr-2003
STB185N55 STMICROELECTRONICS-STB185N55 Datasheet
223Kb / 12P
N-channel 55V - 2.9mohm - 120A - D2PAK/TO-220
01-Aug-2006
STP120NF10 STMICROELECTRONICS-STP120NF10 Datasheet
376Kb / 15P
N-channel 100V - 0.009OHM - 110A - TO-247 - TO-220 - D2PAK STripFET2 Power MOSFET
05-Oct-2006
STB185N55F3 STMICROELECTRONICS-STB185N55F3 Datasheet
335Kb / 14P
N-channel 55V - 3.2mΩ - 120A - D2PAK/TO-220 STripFET??Power MOSFET
28-Jun-2007
STB180N55F3 STMICROELECTRONICS-STB180N55F3 Datasheet
440Kb / 14P
N-channel 55V - 3.2m廓 - 120A - D2PAK/TO-220 STripFET??Power MOSFET
01-Jun-2007
logo
HY ELECTRONIC CORP.
HY110N06T HY-HY110N06T Datasheet
252Kb / 4P
55V / 110A N-Channel Enhancement Mode MOSFET
logo
Guilin Strong Micro-Ele...
GMP60N06 GSME-GMP60N06 Datasheet
208Kb / 2P
N-channel 60V, 60A, TO-220 PowerMOSFET
logo
First Silicon Co., Ltd
IRF3205DD FS-IRF3205DD Datasheet
543Kb / 2P
N -Channel Power MOSFET (55V/110A)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com