Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMP1815 Datasheet(PDF) 1 Page - IMP, Inc

Part # IMP1815
Description  Low Power 5V/3.0V P Reset
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP1815 Datasheet(HTML) 1 Page - IMP, Inc

  IMP1815 Datasheet HTML 1Page - IMP, Inc IMP1815 Datasheet HTML 2Page - IMP, Inc IMP1815 Datasheet HTML 3Page - IMP, Inc IMP1815 Datasheet HTML 4Page - IMP, Inc IMP1815 Datasheet HTML 5Page - IMP, Inc IMP1815 Datasheet HTML 6Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2000 © IMP, Inc.
408-432-9100/www.impweb.com
1
IMP1
IMP1233M
233M
POWER MANAGEMENT
Key Features
Applications
N Set-top boxes
N Cellular phones
N PDAs
N Energy management systems
N Embedded control systems
N Printers
N Single board computers
N Improved Dallas DS1233M replacement
— 60% lower maximum supply current
N Low Supply Current
— 20µA maximum (5.5V)
— 15µA maximum (3.6V)
N Automatically restarts a microprocessor after
power failure
N 350ms reset delay after VCC returns to an
in-tolerance condition
N Active LOW power-up reset, 5kΩ internal pull-up
N Precision temperature-compensated voltage
reference and comparator
N Eliminates external components
N Pin function compatible with the Motorola
MC33064, MC34064, MC33164 and MC34164
N Motorola 68xxx and HC16 compatible
N Compact surface mount SO-8 package
N Operating temperature –40°C to +85°C
Block Diagram
–
+
1233M_01.eps
VCC
RESET
GND
5.0k
9
Supply
Tolerance
Bias
IMP1233M
Delay
350ms Typical
Reference
Lo
Low P
w Po
ow
wer
er, 5V/3.0V
, 5V/3.0V µ
µP R
P Reset
eset
– A
– Activ
ctive L
e LO
OW
W, Open-Dr
, Open-Drain Output
ain Output
– 350ms R
– 350ms Reset P
eset Per
eriod
iod
The IMP1233M supply voltage monitor is an improved, low-power
replacement for the Dallas Semiconductor DS1233M. Maximum supply
current over temperature is a low 20
µA, representing 60 percent lower
power as compared to the DS1233M.
The IMP1233M issues an active LOW reset signal whenever the moni-
tored supply is out-of-tolerance. A precision reference and comparator
circuit monitor power supply (VCC) level. Tolerance level options are
5- and 10-percent for a 5V power supply. The tolerance is 15-percent for
the 3.3V, IMP1233M. When an out-of-tolerance condition is detected, an
internal power-fail signal is generated which forces an active LOW reset
signal. After VCC returns to an in-tolerance condition, the reset signal
remains active for 350ms to allow the power supply and system micro-
processor to stabilize.
The IMP1233M is designed with a open-drain output stage and operates
over the extended industrial temperature range. Devices are available in
the compact surface mount SO-8 package.
Other low power products in this family include the IMP1810/11/12/15/
16/17 and IMP1233D.
Typical Application
IMP1233M
Microprocessor
RESET
RESET
1233M_02.eps
VCC
GND
t
r
a
P
e
g
a
t
l
o
V
T
E
S
E
R
)
V
(
e
m
i
T
T
E
S
E
R
)
s
m
(
t
u
p
t
u
O
e
g
a
t
S
T
E
S
E
R
y
t
i
r
a
l
o
P
0
1
8
1
P
M
I0
2
1
.
4
,
0
7
3
.
4
,
0
2
6
.
40
5
1ll
u
P
-
h
s
u
PW
O
L
1
1
8
1
P
M
I0
3
1
.
4
,
0
5
3
.
4
,
0
2
6
.
40
5
1n
i
a
r
D
-
n
e
p
OW
O
L
2
1
8
1
P
M
I0
3
1
.
4
,
0
5
3
.
4
,
0
2
6
.
40
5
1ll
u
P
-
h
s
u
PH
G
I
H
5
1
8
1
P
M
I0
5
5
.
2
,
0
8
8
.
2
,
0
6
0
.
30
5
1ll
u
P
-
h
s
u
PW
O
L
6
1
8
1
P
M
I0
5
5
.
2
,
0
8
8
.
2
,
0
6
0
.
30
5
1n
i
a
r
D
-
n
e
p
OW
O
L
7
1
8
1
P
M
I0
5
5
.
2
,
0
8
8
.
2
,
0
6
0
.
30
5
1ll
u
P
-
h
s
u
PH
G
I
H
D
3
3
2
1
P
M
I5
2
1
.
4
,
5
7
3
.
4
,
5
2
6
.
40
5
3n
i
a
r
D
-
n
e
p
OW
O
L
M
3
3
2
1
P
M
I0
2
7
.
2
,
5
7
3
.
4
,
5
2
6
.
40
5
3n
i
a
r
D
-
n
e
p
OW
O
L
Family Selection Guide


Similar Part No. - IMP1815

ManufacturerPart #DatasheetDescription
logo
A1 PROs co., Ltd.
IMP1815 A1PROS-IMP1815 Datasheet
1Mb / 36P
Low Power,, 5V - Ressett- Acttiive LOW,, Open--Draiin Outtputt
06/15/99
More results

Similar Description - IMP1815

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IMP1233D IMP-IMP1233D Datasheet
119Kb / 6P
Low Power, 5V, 關P Reset
logo
Alliance Semiconductor ...
ASM1233M ALSC-ASM1233M Datasheet
204Kb / 9P
Low Power, 5V/3.0V, uP Reset, Active LOW, Open-Drain Output
ASM1810 ALSC-ASM1810 Datasheet
235Kb / 9P
Low Power, 5V uP Reset Active LOW, Push-Pull Output
ASM1811 ALSC-ASM1811 Datasheet
215Kb / 9P
Low Power 5V uP Reset Active LOW, Open - Drain Output
ASM1815 ALSC-ASM1815 Datasheet
235Kb / 9P
Low Power, 3.3V/3.0V uP Reset Active LOW, Push-Pull Output
ASM1816 ALSC-ASM1816 Datasheet
231Kb / 9P
Low Power 3.3V/3.0V uP Reset, Active LOW, Open-Drain Output
ASM1817 ALSC-ASM1817 Datasheet
232Kb / 9P
Low Power, 3.3V/3.0V uP Reset, Active HIGH, Push-Pull Output
logo
PulseCore Semiconductor
ASM1232LP PULSECORE-ASM1232LP Datasheet
285Kb / 10P
5V 關P Power Supply Monitor and Reset Circuit
ASM1233D-L PULSECORE-ASM1233D-L Datasheet
258Kb / 11P
Low Power, 5V/3.3V, 關P Reset, Active LOW, Open-Drain Output
ASM1816 PULSECORE-ASM1816 Datasheet
235Kb / 9P
Low Power 3.3V/3.0V 關P Reset, Active LOW, Open-Drain Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com