Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMP528 Datasheet(PDF) 4 Page - IMP, Inc

Part # IMP528
Description  HIGH-VOLTAGE EL LAMP DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP528 Datasheet(HTML) 4 Page - IMP, Inc

  IMP528 Datasheet HTML 1Page - IMP, Inc IMP528 Datasheet HTML 2Page - IMP, Inc IMP528 Datasheet HTML 3Page - IMP, Inc IMP528 Datasheet HTML 4Page - IMP, Inc IMP528 Datasheet HTML 5Page - IMP, Inc IMP528 Datasheet HTML 6Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IMP528
IMP528
4
408-432-9100/www.impweb.com
© 2001 IMP, Inc.
+
–
VDD
RSW-OSC
CS
LX
REL-OSC
VA
VB
GND
8
7
6
5
1
2
3
4
IMP528
2.7M
Ω
REL
910k
Ω
220
µH1
VIN = 3.0V
0.1
µF2
FDLL400
L
LEN3
EL lamp
10nF
(3 in2 lamp)
Note:
1. Murata part # LQH4N221K04 (DC resistance <5
Ω)
2. Larger values may be required depending upon supply impedance.
3. EN is connected to VDD to enable and to GND to disable.
528_03.eps
10nF
200V
RSW
CS
Figure 1. 3.0V Application
Test and Application Circuit, 3.0V
Figure 1 shows the IMP528 configured to drive an EL lamp with a
3.0V input.
Dual Supply Operation with 1.5V Battery
The IMP528 can also be operate from a single battery cell when a
regulated voltage higher than 2.0V is also available. This dual
supply configuration, shown in Figure 2, uses the regulated
voltage to operate the IMP528 while the energy for the high-
voltage boost circuit comes from the battery.
+
–
EN2
VDD
RSW-OSC
CS
LX
REL-OSC
VA
VB
GND
8
7
6
5
1
2
3
4
IMP528
REL
Regulated Voltage
(2.0V to 6.5V)
RSW
VIN
L
Battery
Voltage
0.1
µF1
FDLL400
EL lamp
528_04.eps
1. Larger values may be required depending upon supply impedance.
2. EN is connected to VDD to enable and to GND to disable.
10nF
200V
CS
Figure 2. Dual Supply Operation
Application Information



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com