Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMP528 Datasheet(PDF) 1 Page - IMP, Inc

Part # IMP528
Description  HIGH-VOLTAGE EL LAMP DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP528 Datasheet(HTML) 1 Page - IMP, Inc

  IMP528 Datasheet HTML 1Page - IMP, Inc IMP528 Datasheet HTML 2Page - IMP, Inc IMP528 Datasheet HTML 3Page - IMP, Inc IMP528 Datasheet HTML 4Page - IMP, Inc IMP528 Datasheet HTML 5Page - IMP, Inc IMP528 Datasheet HTML 6Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2001 IMP, Inc.
408-432-9100/www.impweb.com
1
IMP528
IMP528
POWER MANAGEMENT
Block Diagram
High-
High-V
Volt
oltag
age EL Lam
e EL Lamp Dr
p Driv
iver
er
– 220 V
– 220 VPP
PP
Dr
Driv
ivee
N GPS units/Pagers/Cellular phones
N PDAs/Handheld computers
N Safety illumination
N Portable instrumentation
N Battery-operated displays
N LCD modules
N Toys
N 220V peak-to-peak typical AC output voltage
N Low Power: 420µA typical VDD current
N Wide operating voltage range-from 2.0V to 6.5V
N Large output load capability - drives lamps
with more than 50nF capacitance
N Eliminates external protection resistor in series
with EL lamp
N Adjustable output lamp frequency for control of
lamp color, lamp life, and power consumption
N Adjustable converter frequency to minimize
power consumption
N High-Voltage CMOS Process
N MicroSO package option
Key Features
Applications
–
+
528_01.eps
VDD
1
LX
4
CS
3
VA
7
VB
6
RSW-OSC
2
Switch
Oscillator
Regulation
Control
IMP528
Bridge
Output
Driver
Q
Q
Q
VREF
Lamp Drive
Oscillator
C
GND
5
REL-OSC
8
Q
The IMP528 is an Electroluminescent (EL) lamp driver with the four EL
lamp driving functions on-chip. These are the switch-mode power sup-
ply, its high-frequency oscillator, the high-voltage H-bridge lamp driver
and its low-frequency oscillator. The IMP528 drives EL lamps of up to
50nF capacitance to high brightness; EL lamps with capacitances greater
than 50nF can be driven, but will be lower in light output. The typical
regulated output voltage that is applied to the EL lamp is 220V peak-to-
peak. The circuit requires few external components; a single inductor,
single diode, two capacitors and two resistors. Two of these resistors
set the frequency for two internal oscillators.
Unlike other EL lamp drivers, the IMP528 does not require an external
protection resistor in series with the EL lamp.
The IMP528 operates over a 2.0V to 6.5V supply voltage range. A
regulated, low-power source can supply the low quiescent current of the
IMP528. The inductor may be driven from an independent, unregulated
supply voltage in dual supply applications.
An internal circuit shuts down the switching regulator when the lamp
drive voltage reaches 220V peak-to-peak. This conserves power and
extends battery life.
The IMP528 is available in MicroSO and SO-8 packages and in die or
wafer form.


Similar Part No. - IMP528

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IMP5218 IMP-IMP5218 Datasheet
293Kb / 10P
9--Liine Pllug and Pllay SCSII Termiinattor
logo
A1 PROs co., Ltd.
IMP5218 A1PROS-IMP5218 Datasheet
310Kb / 10P
9--Liine Pllug and Pllay SCSII Termiinattor
07/31/00
logo
IMP, Inc
IMP5218CDW IMP-IMP5218CDW Datasheet
293Kb / 10P
9--Liine Pllug and Pllay SCSII Termiinattor
logo
A1 PROs co., Ltd.
IMP5218CDW A1PROS-IMP5218CDW Datasheet
310Kb / 10P
9--Liine Pllug and Pllay SCSII Termiinattor
07/31/00
logo
IMP, Inc
IMP5218CDWT IMP-IMP5218CDWT Datasheet
293Kb / 10P
9--Liine Pllug and Pllay SCSII Termiinattor
More results

Similar Description - IMP528

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV823 SUTEX-HV823 Datasheet
391Kb / 8P
High Voltage EL Lamp Driver
HV825 SUTEX-HV825 Datasheet
327Kb / 4P
High Voltage EL Lamp Driver
HV826 SUTEX-HV826 Datasheet
334Kb / 6P
High Voltage EL Lamp Driver
HV830 SUTEX-HV830 Datasheet
306Kb / 4P
High Voltage EL Lamp Driver
logo
IMP, Inc
IMP803 IMP-IMP803 Datasheet
162Kb / 8P
HIGH-VOLTAGE EL LAMP DRIVER
logo
Supertex, Inc
HV803 SUTEX-HV803 Datasheet
80Kb / 8P
High-Voltage EL Lamp Driver
HV8051 SUTEX-HV8051 Datasheet
53Kb / 4P
High-Voltage EL Lamp Driver
HV829A SUTEX-HV829A Datasheet
42Kb / 4P
High Voltage EL Lamp Driver
HV833 SUTEX-HV833_07 Datasheet
812Kb / 10P
High Voltage EL Lamp Driver
HV833 SUTEX-HV833_13 Datasheet
1,009Kb / 8P
High Voltage EL Lamp Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com