Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMP803 Datasheet(PDF) 7 Page - IMP, Inc

Part # IMP803
Description  HIGH-VOLTAGE EL LAMP DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP803 Datasheet(HTML) 7 Page - IMP, Inc

  IMP803 Datasheet HTML 1Page - IMP, Inc IMP803 Datasheet HTML 2Page - IMP, Inc IMP803 Datasheet HTML 3Page - IMP, Inc IMP803 Datasheet HTML 4Page - IMP, Inc IMP803 Datasheet HTML 5Page - IMP, Inc IMP803 Datasheet HTML 6Page - IMP, Inc IMP803 Datasheet HTML 7Page - IMP, Inc IMP803 Datasheet HTML 8Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
IMP803
IMP803
© 2000 IMP, Inc.
Electroluminescent Lamp Driver
7
Dual Supply Operation with 1.5V Battery
The IMP803 can also be operate from a single battery cell when a
regulated voltage higher than 2.0V is also available. This dual
supply configuration, shown in Figure 5, uses the regulated
voltage to operate the IMP803 while the energy for the high-
voltage boost circuit comes from the battery.
The circuit of Figure 5 thus allows operation with batteries that are
below the 2V minimum specification or above the 6.0V maximum
operating voltage.
+
–
VDD
RSW-OSC
CS
LX
REL-OSC
VA
VB
GND
8
7
6
5
1
2
3
4
IMP803
RCL
REL
Regulated Voltage
(2.0V to 6.5V)
RSW
VIN
L
Battery
Voltage
0.1
µF*
1N4148
EL lamp
803_13.eps
* Larger values may be required
depending upon supply impedance
ON = VDD
OFF = 0V
0.1
µF
100V
CS
Figure 5. Dual Supply Operation
Switch Resistance
The IMP803 inductor switch resistance is typically below 3.5
Ω, as
shown in Figure 6.
VDD (V)
525_14.eps
1234567
0
5
10
15
20
25
30
Figure 6. Boost Switch On Resistance



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com