Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMP803 Datasheet(PDF) 1 Page - IMP, Inc

Part # IMP803
Description  HIGH-VOLTAGE EL LAMP DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP803 Datasheet(HTML) 1 Page - IMP, Inc

  IMP803 Datasheet HTML 1Page - IMP, Inc IMP803 Datasheet HTML 2Page - IMP, Inc IMP803 Datasheet HTML 3Page - IMP, Inc IMP803 Datasheet HTML 4Page - IMP, Inc IMP803 Datasheet HTML 5Page - IMP, Inc IMP803 Datasheet HTML 6Page - IMP, Inc IMP803 Datasheet HTML 7Page - IMP, Inc IMP803 Datasheet HTML 8Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2000 IMP, Inc.
408-432-9100/www.impweb.com
1
IMP803
IMP803
POWER MANAGEMENT
High-
High-V
Volt
oltag
age EL Lam
e EL Lamp Dr
p Driv
iver
er
N GPS units/Pagers/Cellular phones
N PDAs/Handheld computers
N Safety illumination
N Portable instrumentation
N Battery-operated displays
N LCD modules
N Toys
N Low Power: 420µA typical VDD current
N Wide operating voltage range - from 2.0V to 6.5V
N 180V peak-to-peak typical AC output voltage
N Large output load capability - drive lamps
with more than 30nF capacitance
N Adjustable output lamp frequency for control of
lamp color, lamp life, and power consumption
N Adjustable converter frequency to minimize
power consumption
N Device can be Enabled/Disabled
N Low quiescent current – 20nA (disabled)
N High-Voltage CMOS Process
N MicroSO package option
Key Features
Applications
–
+
803_01.eps
VDD
1
LX
4
CS
3
VA
7
VB
6
RSW-OSC
2
Switch
Oscillator
Regulation
Control
IMP803
Bridge
Output
Driver
Q
Q
Q
VREF
Lamp Drive
Oscillator
C
GND
5
REL-OSC
8
Q
The IMP803 is an Electroluminescent (EL) lamp driver with the four EL
lamp driving functions on-chip. These are the switch-mode power sup-
ply, its high-frequency oscillator, the high-voltage H-bridge lamp driver
and its low-frequency oscillator. The IMP803 drives EL lamps of up to
30nF capacitance to high brightness; EL lamps with capacitances greater
than 30nF can be driven, but will be lower in light output. The typical
regulated output voltage that is applied to the EL lamp is 180V peak-to-
peak. The circuit requires few external components, a single inductor,
single diode, two capacitors and three resistors. Two of these resistors
set the frequency for two internal oscillators.
The IMP803 operates over a 2.0V to 6.5V supply voltage range. A
regulated, low-power source can supply the low quiescent current of the
IMP803. The inductor may be driven from an independent, unregulated
supply voltage in dual supply applications.
An internal circuit shuts down the switching regulator when the lamp
drive voltage reaches 180V peak-to-peak. This conserves power and
extends battery life.
The IMP803 is available in MicroSO and SO-8 packages and in die or
wafer form.
Block Diagram


Similar Part No. - IMP803

ManufacturerPart #DatasheetDescription
logo
A1 PROs co., Ltd.
IMP802L A1PROS-IMP802L Datasheet
227Kb / 10P
μP Power Supplly Supervisor wiitth Battttery Backup Swiittch
logo
IMP, Inc
IMP802LCPA IMP-IMP802LCPA Datasheet
225Kb / 10P
關P POWER SUPPLY SUPERVISOR WITH BATTERY BACKUP SWITCH
logo
A1 PROs co., Ltd.
IMP802LCPA A1PROS-IMP802LCPA Datasheet
227Kb / 10P
μP Power Supplly Supervisor wiitth Battttery Backup Swiittch
logo
IMP, Inc
IMP802LCSA IMP-IMP802LCSA Datasheet
225Kb / 10P
關P POWER SUPPLY SUPERVISOR WITH BATTERY BACKUP SWITCH
logo
A1 PROs co., Ltd.
IMP802LCSA A1PROS-IMP802LCSA Datasheet
227Kb / 10P
μP Power Supplly Supervisor wiitth Battttery Backup Swiittch
More results

Similar Description - IMP803

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV823 SUTEX-HV823 Datasheet
391Kb / 8P
High Voltage EL Lamp Driver
HV825 SUTEX-HV825 Datasheet
327Kb / 4P
High Voltage EL Lamp Driver
HV826 SUTEX-HV826 Datasheet
334Kb / 6P
High Voltage EL Lamp Driver
HV830 SUTEX-HV830 Datasheet
306Kb / 4P
High Voltage EL Lamp Driver
logo
IMP, Inc
IMP528 IMP-IMP528 Datasheet
134Kb / 6P
HIGH-VOLTAGE EL LAMP DRIVER
logo
Supertex, Inc
HV803 SUTEX-HV803 Datasheet
80Kb / 8P
High-Voltage EL Lamp Driver
HV8051 SUTEX-HV8051 Datasheet
53Kb / 4P
High-Voltage EL Lamp Driver
HV829A SUTEX-HV829A Datasheet
42Kb / 4P
High Voltage EL Lamp Driver
HV833 SUTEX-HV833_07 Datasheet
812Kb / 10P
High Voltage EL Lamp Driver
HV833 SUTEX-HV833_13 Datasheet
1,009Kb / 8P
High Voltage EL Lamp Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com