Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMP803LG Datasheet(PDF) 5 Page - IMP, Inc

Part # IMP803LG
Description  HIGH-VOLTAGE EL LAMP DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP803LG Datasheet(HTML) 5 Page - IMP, Inc

  IMP803LG Datasheet HTML 1Page - IMP, Inc IMP803LG Datasheet HTML 2Page - IMP, Inc IMP803LG Datasheet HTML 3Page - IMP, Inc IMP803LG Datasheet HTML 4Page - IMP, Inc IMP803LG Datasheet HTML 5Page - IMP, Inc IMP803LG Datasheet HTML 6Page - IMP, Inc IMP803LG Datasheet HTML 7Page - IMP, Inc IMP803LG Datasheet HTML 8Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
IMP803
IMP803
© 2000 IMP, Inc.
Electroluminescent Lamp Driver
5
+
–
VDD
RSW-OSC
CS
LX
REL-OSC
VA
VB
GND
8
7
6
5
1
2
3
4
IMP803
2k
Ω
2M
Ω
REL
750k
Ω
560
µH1
VIN = 3.0V
0.1
µF2
1N4148
L
10nF
Equivalent to
3 in2 lamp
Note:
1. Murata part # LQH4N561K04 (DC resistance <14.5
Ω)
2. Larger values may be required depending upon supply impedance.
RCL
803_09.eps
ON = VDD
OFF = 0V
0.1
µF
100V
RSW
CS
Figure 1. 3.0V Application
Test and Application Circuit, 3.0V
Figure 1 shows the IMP803 configured to drive a 3-square-inch
EL lamp, represented as a 10nF capacitor. With a 3.0V input, the
EL lamp will be driven to moderate brightness.
+
–
VDD
RSW-OSC
CS
LX
REL-OSC
VA
VB
GND
8
7
6
5
1
2
3
4
IMP803
2k
Ω
2M
Ω
REL
750k
Ω
560
µH1
VIN = 5.0V
0.1
µF2
CS
1N4148
6 in2 lamp
Note:
1. Murata part # LQH4N561K04 (DC resistance <14.5
Ω)
2. Larger values may be required depending upon supply impedance.
RCL
803_10.eps
0.1
µF
100V
ON = VDD
OFF = 0V
RSW
L
Figure 2. 5.0V Application
Test and Application Circuit, 5.0V
Figure 2 shows a 5.0V input application driving a 6-square-inch
EL lamp.
Application Information



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com