Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMP803LG Datasheet(PDF) 6 Page - IMP, Inc

Part # IMP803LG
Description  HIGH-VOLTAGE EL LAMP DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP803LG Datasheet(HTML) 6 Page - IMP, Inc

  IMP803LG Datasheet HTML 1Page - IMP, Inc IMP803LG Datasheet HTML 2Page - IMP, Inc IMP803LG Datasheet HTML 3Page - IMP, Inc IMP803LG Datasheet HTML 4Page - IMP, Inc IMP803LG Datasheet HTML 5Page - IMP, Inc IMP803LG Datasheet HTML 6Page - IMP, Inc IMP803LG Datasheet HTML 7Page - IMP, Inc IMP803LG Datasheet HTML 8Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IMP803
IMP803
6
408-432-9100/www.impweb.com
© 2000 IMP, Inc.
+
–
VDD
RSW-OSC
CS
LX
REL-OSC
VA
VB
GND
8
7
6
5
1
2
3
4
IMP803
2k
Ω
2M
Ω
REL
330k
Ω
560
µH1
VIN = 6.0V
0.1
µF2
1N4148
10 in2 lamp
Note:
1. Murata part # LQH4N561K04 (DC resistance <14.5
Ω)
2. Larger values may be required depending upon supply impedance.
RCL
803_11.eps
0.1
µF
100V
L
RSW
CS
Enable/Disable Operation
Figure 4 shows that the IMP803 can be enabled via a logic gate that
connects RSW to VDD, and disabled by connecting it to ground.
RSW Connection
IMP803 State
VDD
Enabled
GND
Disabled
Figure 3. 6.0V Application
Figure 4. Enable/Disable Operation
+
–
ON = VDD
OFF = 0V
VDD
RSW-OSC
CS
LX
REL-OSC
VA
VB
GND
8
7
6
5
1
2
3
4
IMP803
RCL
REL
CMOS
Gate
RSW
L1
VIN
0.1
µF2
1N4148
EL lamp
Note:
1. Murata part # LQH4N561K04 (DC resistance <14.5
Ω)
2. Larger values may be required depending upon supply impedance.
803_12.eps
0.1
µF
100V
CS
Test and Application Circut, 6.0V
At higher input voltage levels, the IMP803 will drive large EL
lamps. Figure 3 shows a 6.0V circuit configuration that will drive
a 10 square-inch lamp.
Enable/Disable Table



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com