Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SER7 Datasheet(PDF) 2 Page - ABCircuits

Part # SER7
Description  Serial to Seven Segment Controller Expandable to 32 digits
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCIRCUITS [ABCircuits]
Direct Link  http://www.abcircuits.com
Logo ABCIRCUITS - ABCircuits

SER7 Datasheet(HTML) 2 Page - ABCircuits

  SER7 Datasheet HTML 1Page - ABCircuits SER7 Datasheet HTML 2Page - ABCircuits SER7 Datasheet HTML 3Page - ABCircuits SER7 Datasheet HTML 4Page - ABCircuits SER7 Datasheet HTML 5Page - ABCircuits SER7 Datasheet HTML 6Page - ABCircuits SER7 Datasheet HTML 7Page - ABCircuits SER7 Datasheet HTML 8Page - ABCircuits SER7 Datasheet HTML 9Page - ABCircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Turning Ideas Into Reality
ABCircuits www.abcircuits.com POB 123 New Hill NC 27562 (919) 290-7104
Part Number SER7
Copyright © 2014 ABCircuits. Revised September 2014 Page 2 of 11
Example Circuits – RS-232 display
.1
LEFT COMMON
ANODE DISPLAY
U2= MAX3232 FOR 3V RS232
RS232
.1
VCC
VCC
U2= MAX232 FOR 5V RS232
GND
TXD
A
B
C
D
E
F
G
DP
G
F
E
D
C
B
A
COM
SER7
15
9
16
17
18
19
3
6
7
8
10
11
13
14
22
12
20
23
28
21
4
1
2
5
24
25
26
27
SEGRA
NC
SEGRC
SEGRE
SEGRG
NC
ADR2
SEGLF
SEGLD
SEGLB
SEGRDP
SEGRF
SEGRB
VSS
SEGLE
SEGRD
SEGLA
SEGLG
VDD
SEGLC
ADR0
JUST
DP
SEGLDP
SIN-
ADR1
ADR3
POL
RIGHT COMMON
ANODE DISPLAY
.1
VCC
DB9S
1
2
3
4
5
6
7
8
8
9
RXD
VCC
U2
SEE NOTES
1
3
4
5
2
6
11
14
10
7
12
13
9
8
C1+
C1-
C2+
C2-
V+
V-
T1in
T1out
T2in
T2out
R1out
R1in
R2out
R2in
.1
A
B
C
D
E
F
G
DP
G
F
E
D
C
B
A
COM
VCC
Example Circuits – RS-485 display
U2
8
5
7
6
1
4
2
3
VCC
GND
-DO/-RI
DO / RI
RO
DI
-RE
DE
VCC
VCC
A
B
C
D
E
F
G
DP
G
F
E
D
C
B
A
COM
VCC
SER7
15
9
16
17
18
19
3
6
7
8
10
11
13
14
22
12
20
23
28
21
4
1
2
5
24
25
26
27
SEGRA
NC
SEGRC
SEGRE
SEGRG
NC
ADR2
SEGLF
SEGLD
SEGLB
SEGRDP
SEGRF
SEGRB
VSS
SEGLE
SEGRD
SEGLA
SEGLG
VDD
SEGLC
ADR0
JUST
DP
SEGLDP
SIN-
ADR1
ADR3
POL
A
B
C
D
E
F
G
DP
G
F
E
D
C
B
A
COM
LEFT COMMON
ANODE
DISPLAY
U2 75176 FOR 5V
VCC
U2 MAX3485 FOR 3.3V
RIGHT COMMON
ANODE DISPLAY
4.7K
VCC
RS485
Example Circuits – USB display
VCC
VCC
.1
FT232-SSOP
14
13
22
23
11
2
5
1
19
16
15
8
24
27
28
3
6
9
10
12
CBUS3
CBUS2
CBUS1
CBUS0
-CTS
DTR
RXD
TXD
-RST
USBM
USBP
NC
NC
OSCI
OSCO
RTS
RI
DSR
DCD
CBUS4
SER7
15
9
16
17
18
19
3
6
7
8
10
11
13
14
22
12
20
23
28
21
4
1
2
5
24
25
26
27
SEGRA
NC
SEGRC
SEGRE
SEGRG
NC
ADR2
SEGLF
SEGLD
SEGLB
SEGRDP
SEGRF
SEGRB
VSS
SEGLE
SEGRD
SEGLA
SEGLG
VDD
SEGLC
ADR0
JUST
DP
SEGLDP
SIN-
ADR1
ADR3
POL
REFER TO FT232 DATASHEET
FOR MORE DETAILS
BEAD
A
B
C
D
E
F
G
DP
G
F
E
D
C
B
A
COM
LEFT COMMON
ANODE
DISPLAY
.01
RIGHT COMMON
ANODE DISPLAY
A
B
C
D
E
F
G
DP
G
F
E
D
C
B
A
COM
CASE
VCC
4.7
.1
USB
1
2
3
4
5
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com