Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SER7 Datasheet(PDF) 9 Page - ABCircuits

Part # SER7
Description  Serial to Seven Segment Controller Expandable to 32 digits
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCIRCUITS [ABCircuits]
Direct Link  http://www.abcircuits.com
Logo ABCIRCUITS - ABCircuits

SER7 Datasheet(HTML) 9 Page - ABCircuits

Back Button SER7 Datasheet HTML 3Page - ABCircuits SER7 Datasheet HTML 4Page - ABCircuits SER7 Datasheet HTML 5Page - ABCircuits SER7 Datasheet HTML 6Page - ABCircuits SER7 Datasheet HTML 7Page - ABCircuits SER7 Datasheet HTML 8Page - ABCircuits SER7 Datasheet HTML 9Page - ABCircuits SER7 Datasheet HTML 10Page - ABCircuits SER7 Datasheet HTML 11Page - ABCircuits  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Turning Ideas Into Reality
ABCircuits www.abcircuits.com POB 123 New Hill NC 27562 (919) 290-7104
Part Number SER7
Copyright © 2014 ABCircuits. Revised September 2014 Page 9 of 11
Serial Input Stream
When a byte is received on the SIN- pin it is placed in the receive buffer. When a carriage return
code (Hex 0D) is received on the SIN- pin, the data in the buffer is translated and moved to the
displays, Afterward the buffer is cleared. The SER7 uses the ADR0-ADR3 pins to determine
which bytes in the buffer to display.
Notes:
Receive buffer size is 32 bytes.
Bit 8 (MSB of the data stream) is ignored.
Line feed characters (Hex 0A) are ignored.
The decimal point (Hex 2E) activates the decimal point output. The decimal point is not displayed
as a separate digit unless required. For instance “1.2” takes two digits to display. “12.” takes
two digits to display in right hand decimal mode and three digits to display in left hand decimal
mode. “.12” takes two digits to display in left hand decimal mode, and three digits to display in
right hand decimal mode. “.1.2.” will take three digits to display.
The data is format is 9600 BPS, 8 bits, 1 stop, no parity.
Absolute Maximum Ratings
Symbol
Description
Min
Typical
Max
Units
Notes
Tstg
Storage Temperature
-55
25
+100
ºC
Ta
Operating Temperature
-40
+85
ºC
Vdd
Vdd - Vss Voltage
-0.5
+6.0
V
Vio
Input Voltage
Vss - 0.5
Vdd +0.5
V
Imio
Maximum current into any pin
-25
+50
mA
ESD
Electrostatic Discharge Voltage
2000
V
Human Body Model
ESD
LU
Latch up current
200
mA
DC Electrical Characteristics
Symbol
Description
Min
Typical
Max
Units
Notes
Vdd
Supply Voltage
2.4
5.25
V
Idd
Supply Current
3
8
mA
Note 1
Voh
High Output Level
Vdd - 1.0
V
Note 2
Vol
Low Output Voltage
0.75
V
Note 3
Vih
Input High Level
2.1
V
Vil
Input Low Level
0.8
V
Ioh
High Level Source Current
10
mA
Note 2
Iol
Low Level Sink Current
25
mA
Note 3
Cio
Capacitive load
3.5
10
pF
Iil
Input leakage
1
nA
Rpu
Pull Up Resistors On Inputs
4
5.6
8
k?
Note 1: Vdd=5VDC, all inputs and outputs open
Note 2 Ioh=10 mA max per pin, 80 mA maximum all pins combined
Note 3 Iol=25 mA max per pin 150 mA maximum all pins combined



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com