Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILC5062 Datasheet(PDF) 2 Page - Impala Linear Corporation

Part # ILC5062
Description  ST-23 POWER SUPPLY RESET MONITOR WITH COMPLEMENTARY CMOS OUTPUT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMPALA [Impala Linear Corporation]
Direct Link  
Logo IMPALA - Impala Linear Corporation

ILC5062 Datasheet(HTML) 2 Page - Impala Linear Corporation

  ILC5062 Datasheet HTML 1Page - Impala Linear Corporation ILC5062 Datasheet HTML 2Page - Impala Linear Corporation ILC5062 Datasheet HTML 3Page - Impala Linear Corporation ILC5062 Datasheet HTML 4Page - Impala Linear Corporation ILC5062 Datasheet HTML 5Page - Impala Linear Corporation ILC5062 Datasheet HTML 6Page - Impala Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Conditions
A grade
Standard grade
VIN = 1.5V
VIN = 2.0V
VIN = 3.0V
VIN = 4.0V
VIN = 5.0V
VDF = 2.1 ~ 6.0V
N-ch VDS = 0.5V
VIN = 1.0V
VIN = 2.0V
VIN = 3.0V
VIN = 4.0V
VIN = 5.0V
P-Ch VDS = 2.1V
VIN = 8V
-30°C
< T
opr < 80°C
Typ
VDF
VDF
VDF X 0.05
0.9
1.0
1.3
1.6
2.0
2.2
7.7
10.1
11.5
13.0
-10
±100
Units
V
V
V
µA
V
mA
ppm/°C
ms
Max
VDF X 1.01
VDF X 1.02
VDF X 0.08
2.6
3.0
3.4
3.8
4.2
10.0
0.2
Parameter
Input Voltage
Output Current
Output Voltage
Continuous Total
Power Dissipation (SOT-23)
Operating Ambient Temperature
Storage Temperature
Symbol
VIN
IOUT
VOUT
Pd
Topr
Tstg
Ratings
12
50
VSS-0.3~VIN=+0.3
150
-30~+80
-40~+125
Units
V
mA
V
mW
°C
°C
Absolute Maximum Ratings (TA=25°C)
Parameter
Detect Fail Voltage
Detect Fail Voltage
Hysteresis Range
Supply Current
Operating Voltage
Output Current
Temperature Characteristics
Delay Time (Release
Voltage
Output Inversion)
Symbol
VDF
VDF
VHYS
ISS
VIN
IOUT
∆V
DF/(∆Topr•VDF)
tDLY
(VDR
VOUT
Inversion)
Min
VDF X 0.99
VDF X 0.98
VDF X 0.02
1.5
Note: An additional resistor between the VIN pin and supply voltage may cause deterioration of the characteristics due to increasing of VDR.
SOT-23 Power Supply reset Monitor With Complementary CMOS Output
Impala Linear Corporation
2
(408) 574-3939
www.impalalinear.com
June 1999
ILC5062 1.3
Electrical Characterisitcs ILC5062 (TA=25°C)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com