Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILC5062 Datasheet (PDF) - Impala Linear Corporation

ILC5062 Datasheet PDF - Impala Linear Corporation
Part # ILC5062
Download  ILC5062 Download
File Size   520.24 Kbytes
Page   6 Pages
Manufacturer  IMPALA [Impala Linear Corporation]
Direct Link  
Logo IMPALA - Impala Linear Corporation
Description ST-23 POWER SUPPLY RESET MONITOR WITH COMPLEMENTARY CMOS OUTPUT

ILC5062 Datasheet (PDF)

Go To PDF Page Download Datasheet
ILC5062 Datasheet PDF - Impala Linear Corporation

Part # ILC5062
Download  ILC5062 Click to download

File Size   520.24 Kbytes
Page   6 Pages
Manufacturer  IMPALA [Impala Linear Corporation]
Direct Link  
Logo IMPALA - Impala Linear Corporation
Description ST-23 POWER SUPPLY RESET MONITOR WITH COMPLEMENTARY CMOS OUTPUT

ILC5062 Datasheet (HTML) - Impala Linear Corporation


ILC5062 Product details

General Description
All-CMOS voltage monitoring circuit in a 3-lead SOT-23 package offers the best performance in power consumption and accuracy.
The ILC5062 is available in a series of ±1% (A-grade) or 2% (standard grade) accurate trip voltages to fit most microprocessor applications. Even though its output can sink over 2mA, the device draws only 1µA in normal operation.
Additionally, a built-in hysteresis of 5% of detect voltage simplifies system design.

Features
• All-CMOS design in SOT-23 package
• A grade ±1% precision in Reset Detection
• Standard grade : ±2% precision in Reset Detection
• Only 1µA of Iq
• Over 2mA of sink current capability
• Built-in hysteresis of 5% of detection voltage
• Voltage options of 2.6, 2.7, 2.8, 2.9, 3.1, 4.4, and 4.6V fit most supervisory applications

Applications
• Microprocessor reset circuits
• Memory battery back-up circuitry
• Power-on reset circuits
• Portable and battery powered electronics




Similar Part No. - ILC5062

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ILC5062 FAIRCHILD-ILC5062 Datasheet
507Kb / 9P
SOT-23 Power Supply reset Monitor with 1% precision
ILC5062AIC23X FAIRCHILD-ILC5062AIC23X Datasheet
507Kb / 9P
SOT-23 Power Supply reset Monitor with 1% precision
ILC5062AIC24X FAIRCHILD-ILC5062AIC24X Datasheet
507Kb / 9P
SOT-23 Power Supply reset Monitor with 1% precision
ILC5062AIC25X FAIRCHILD-ILC5062AIC25X Datasheet
507Kb / 9P
SOT-23 Power Supply reset Monitor with 1% precision
ILC5062AIC26X FAIRCHILD-ILC5062AIC26X Datasheet
507Kb / 9P
SOT-23 Power Supply reset Monitor with 1% precision
More results


Similar Description - ILC5062

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM709 AD-ADM709 Datasheet
224Kb / 4P
Power Supply Monitor with Reset
REV.0
logo
Fairchild Semiconductor
ILC5062 FAIRCHILD-ILC5062 Datasheet
507Kb / 9P
SOT-23 Power Supply reset Monitor with 1% precision
logo
Impala Linear Corporati...
ILC5061 IMPALA-ILC5061 Datasheet
68Kb / 4P
SOT-23 POWER SUPPLY RESET MONITOR
logo
Maxim Integrated Produc...
MAX700 MAXIM-MAX700 Datasheet
133Kb / 4P
Power-Supply Monitor with Reset
1990
MAX709 MAXIM-MAX709 Datasheet
69Kb / 8P
Power-Supply Monitor with Reset
Rev. 1; 6/94
MAX709 MAXIM-MAX709_05 Datasheet
178Kb / 8P
Power-Supply Monitor with Reset
Rev. 2; 12/05
MAX700 MAXIM-MAX700_08 Datasheet
84Kb / 6P
Power-Supply Monitor with Reset
19-2690; Rev 2; 12/07
logo
Analog Devices
ADM709 AD-ADM709_15 Datasheet
232Kb / 4P
Power Supply Monitor with Reset
REV. 0
logo
Maxim Integrated Produc...
MAX709L MAXIM-MAX709L Datasheet
178Kb / 8P
Power-Supply Monitor with Reset
Rev. 2; 12/05
MAX700 MAXIM-MAX700_V01 Datasheet
255Kb / 6P
Power-Supply Monitor with Reset
2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com