Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMP690AMJA Datasheet(PDF) 3 Page - IMP, Inc

Part # IMP690AMJA
Description  關P POWER SUPPLY SUPERVISOR WITH BATTERY BACKUP SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP690AMJA Datasheet(HTML) 3 Page - IMP, Inc

  IMP690AMJA Datasheet HTML 1Page - IMP, Inc IMP690AMJA Datasheet HTML 2Page - IMP, Inc IMP690AMJA Datasheet HTML 3Page - IMP, Inc IMP690AMJA Datasheet HTML 4Page - IMP, Inc IMP690AMJA Datasheet HTML 5Page - IMP, Inc IMP690AMJA Datasheet HTML 6Page - IMP, Inc IMP690AMJA Datasheet HTML 7Page - IMP, Inc IMP690AMJA Datasheet HTML 8Page - IMP, Inc IMP690AMJA Datasheet HTML 9Page - IMP, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
IMP690A
IMP690A , 692A
, 692A , 802L, 802M, 805L
, 802L, 802M, 805L
Absolute Maximum Ratings
Pin Description
Pin Terminal Voltage with Respect to Ground
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3V to 6.0V
VBATT . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3V to 6.0V
All Other Inputs* . . . . . . . . . . . . . . . . . . . –0.3V to (VCC + 0.3V)
Input Current at VCC . . . . . . . . . . . . . . . . . . 200mA
Input Current at VBATT . . . . . . . . . . . . . . . . . 50mA
Input Current at GND . . . . . . . . . . . . . . . . . 20mA
Output Current:
VOUT . . . . . . . . . . . . . . . Short circuit protected
All Other Inputs . . . . . . . . . . . . . . . . . . . 20mA
Rate of Rise: VBATT and VCC . . . . . . . . . . 100V/µs
Continuous Power Dissipation
Plastic DIP (derate 9mW/
°C above 70°C) . . . 800mW
SO (derate 5.9mW/
°C above 70°C) . . . . . . . . 500mW
CerDIP (derate 8mW/
°C above 70°C) . . . . . . 650mW
Operating Temperature Range (C Devices) . . . . 0
°C to 70°C
Operating Temperature Range (E Devices) . . . . –40
°C to 85°C
Storage Temperature Range . . . . . . . . . . . . . . . . . –65
°C to 160°C
Lead Temperature Soldering, (10 sec) . . . . . . . . 300
°C
* The input voltage limits on PFI and WDI may be exceeded if the
current is limited to less than 10mA
These are stress ratings only and functional operation is not implied.
Exposure to absolute maximum ratings for prolonged time periods may
affect device reliability.
Pin Number
IMP690A/IMP692A
IMP802L/IMP802M
IMP805L
Name
Function
1
1
VOUT
Voltage supply for RAM. When VCC is above the reset threshold, VOUT
connects to VCC through a P-channel MOS device. If VCC falls below the
reset threshold, this output will be connected to the backup supply at
VBATT (or VCC, whichever is higher) through the MOS switch to provide
continuous power to the CMOS RAM.
2
2
VCC
+5V power supply input
3
3
GND
Ground
4
4
PFI
Power failure monitor input. PFI is connected to the internal power fail
comparator which is referenced to 1.25V. The power fail output (PFO)
is active LOW but remains HIGH if PFI is above 1.25V. If this feature is
unused, the PFI pin should be connected to GND or VOUT.
5
5

PFO
Power-fail output.

PFO is active LOW whenever the PFI pin is less than
1.25V.
6
6
WDI
Watchdog input. The WDI input monitors microprocessor activity. An
internal timer is reset with each transition of the WDI input. If WDI is held
HIGH or LOW for longer than the watchdog timeout period, typically 1.6
seconds, RESET (or

RESET) is asserted for the reset pulse width time,
tRS, of 140ms, minimum.
7
––––

RESET
Active-LOW reset output. When triggered by VCC falling below the reset
threshold or by watchdog timer timeout, RESET (or

RESET) pulses low
for the reset pulse width, tRS, typically 200ms. It will remain low if VCC is
below the reset threshold (4.65V in the IMP690A/IMP802L and 4.4V in
the IMP692A/IMP802L) and remains low for 200ms after VCC rise above
the reset threshold.
––––
7
RESET
Active-HIGH reset output. The inverse of

RESET.
8
8
VBATT
Auxiliary power or backup-battery input. VBATT should be connected to
GND if the function is not used. This input has about 40mV of hysteresis
to prevent rapid toggling between VCC and VBATT.
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com