Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMP690AMJA Datasheet(PDF) 8 Page - IMP, Inc

Part # IMP690AMJA
Description  關P POWER SUPPLY SUPERVISOR WITH BATTERY BACKUP SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP690AMJA Datasheet(HTML) 8 Page - IMP, Inc

Back Button IMP690AMJA Datasheet HTML 2Page - IMP, Inc IMP690AMJA Datasheet HTML 3Page - IMP, Inc IMP690AMJA Datasheet HTML 4Page - IMP, Inc IMP690AMJA Datasheet HTML 5Page - IMP, Inc IMP690AMJA Datasheet HTML 6Page - IMP, Inc IMP690AMJA Datasheet HTML 7Page - IMP, Inc IMP690AMJA Datasheet HTML 8Page - IMP, Inc IMP690AMJA Datasheet HTML 9Page - IMP, Inc IMP690AMJA Datasheet HTML 10Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
IMP690A
IMP690A , 692A
, 692A , 802L, 802M, 805L
, 802L, 802M, 805L
Application Information
Power Fail Hysteresis
A noise margin can be added to the simple monitoring circuit of
Figure 7 by adding positive feedback from the

PFO pin. The cir-
cuit of Figure 8 adds this positive “latching” effect by means of an
additional resistor R3 connected between

PFO and PFI which
helps in pulling PFI in the direction of

PFO and eliminating an
indecision at the trip point. Resistor R3 is normally about 10 times
higher in resistance than R2 to keep the hysteresis band reason-
able and should be larger than 10k
Ω to avoid excessive loading on
the

PFO pin. The calculations for the correct values of resistors to
set the hysteresis thresholds are given in Figure 8. A capacitor can
be added to offer additional noise rejection by low-pass filtering.
Figure 8. Hysteresis added to PFI pin
690A_10.eps
VTRIP
VL
VH
VIN
0V
PFO
+5V
0V
VIN
GND
IMP690A
IMP692A
IMP802L
IMP802M
IMP805L
R2
PFI
VCC
R1
PFO
+5V
R3
To
µP
*Optional
C1*
V
R
R
R
V
R
R
R
R
R
V
R
R
R
TRIP
IH
L
=
+


=
+
−
+
−
=
1 25
1 25
1 25
5 1 25
1 25
2
2
2
2
3
1
2
3
1
3
2
.
.
.
.
.
Monitoring Capabilities of the Power-Fail Input
Although designed for power supply failure monitoring, the PFI
pin can be used for monitoring any voltage condition that can be
scaled by means of a resistive divider. An example is the negative
power supply monitor configured in Figure 9. In this case a good
negative supply will hold the PFI pin below 1.25V and the

PFO
pin will be at a logic “0”. As the negative voltage declines,
the voltage at the PFI pin will rise until it exceeds 1.25V and
the

PFO pin will go to a logic “1”.
Figure 9. Using PFI to monitor negative supply voltage
5 1 25
1 25
1
2
−
=
−
.
.
R
V
R
TRIP
690A_11.eps
+5V
GND
VTRIP
0V
PFO
+5V
0V
V–
IMP690A
IMP692A
IMP802L
IMP802M
IMP805L
R2
V–
PFI
V– = VTRIP
VCC
PFO
R1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com