Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIO7 Datasheet(PDF) 2 Page - ABCircuits

Part # SIO7
Description  Serial input/output IC for 7 bits of input and 7 bits of output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCIRCUITS [ABCircuits]
Direct Link  http://www.abcircuits.com
Logo ABCIRCUITS - ABCircuits

SIO7 Datasheet(HTML) 2 Page - ABCircuits

  SIO7 Datasheet HTML 1Page - ABCircuits SIO7 Datasheet HTML 2Page - ABCircuits SIO7 Datasheet HTML 3Page - ABCircuits SIO7 Datasheet HTML 4Page - ABCircuits SIO7 Datasheet HTML 5Page - ABCircuits SIO7 Datasheet HTML 6Page - ABCircuits SIO7 Datasheet HTML 7Page - ABCircuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Turning Ideas Into Reality
ABCircuits www.abcircuits.com POB 123 New Hill NC 27562 (919) 290-7104
Part Number SIO7
Copyright © 2014 ABCircuits. Revised September 2014 Page 2 of 7
Example Circuits
OUTPUT A3
INPUT A4
OUTPUT A2
+3.3
INPUT A0
INPUT A1
OUTPUT A1
OUTPUT A6
7 BITS INPUT/OUTPUT ETHERNET
LANTRONIX
XPORT
1
2
3
4
5
6
7
8
GND
+3.3
-POR
OUT
IN
CP1
CP2
CP3
INPUT A3
OUTPUT A4
INPUT A2
INPUT A5
OUTPUT A5
SIO7
11
5
12
13
14
15
1
2
3
4
6
7
9
10
18
8
16
19
20
17
IA0
NC
IA2
IA4
IA6
NC
SIN-
OA5
OA3
OA1
SOUT-
IA5
IA1
VSS
OA4
IA3
OA0
OA6
VDD
OA2
OUTPUT A0
INPUT A6
+3.3
INPUT A0
INPUT A5
OUTPUT A2
TXD
OUTPUT A3
INPUT A2
VCC
OUTPUT A5
U2= MAX3232 FOR 3V RS232
OUTPUT A1
VCC
INPUT A6
J1
DB9S
1
2
3
4
5
6
7
8
8
9
U2= MAX232 FOR 5V RS232
GND
RS232
C8
.1
INPUT A3
OUTPUT A0
VCC
C7
.1
C6
.1
7 BITS INPUT/OUTPUT RS-232
OUTPUT A6
U2
SEE NOTES
1
3
4
5
2
6
11
14
10
7
12
13
9
8
C1+
C1-
C2+
C2-
V+
V-
T1in
T1out
T2in
T2out
R1out
R1in
R2out
R2in
OUTPUT A4
SIO7
11
5
12
13
14
15
1
2
3
4
6
7
9
10
18
8
16
19
20
17
IA0
NC
IA2
IA4
IA6
NC
SIN-
OA5
OA3
OA1
SOUT-
IA5
IA1
VSS
OA4
IA3
OA0
OA6
VDD
OA2
RXD
INPUT A4
INPUT A1
C5
.1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com