Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIO7 Datasheet(PDF) 4 Page - ABCircuits

Part # SIO7
Description  Serial input/output IC for 7 bits of input and 7 bits of output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCIRCUITS [ABCircuits]
Direct Link  http://www.abcircuits.com
Logo ABCIRCUITS - ABCircuits

SIO7 Datasheet(HTML) 4 Page - ABCircuits

  SIO7 Datasheet HTML 1Page - ABCircuits SIO7 Datasheet HTML 2Page - ABCircuits SIO7 Datasheet HTML 3Page - ABCircuits SIO7 Datasheet HTML 4Page - ABCircuits SIO7 Datasheet HTML 5Page - ABCircuits SIO7 Datasheet HTML 6Page - ABCircuits SIO7 Datasheet HTML 7Page - ABCircuits  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Turning Ideas Into Reality
ABCircuits www.abcircuits.com POB 123 New Hill NC 27562 (919) 290-7104
Part Number SIO7
Copyright © 2014 ABCircuits. Revised September 2014 Page 4 of 7
You can drive this input with any hexadecimal terminal program like REALTERM for testing and
development.
SOUT-
This is the serial output pin. It may be tied directly to the UART receiver input of your UART or
microprocessor; to a RS -232 driver such as the MAX232; an Ethernet interface such as the
Lantronix Xport, or a USB IC such as the FT232. This pin is high in the idle state, the output
format is 8 bits, 1 stop, no parity at 9600 BPS. Other output formats and baud rates are
available, please contact the factory for information. Bit 8 of the transmitted byte is a zero.
You can monitor this output with any hexadecimal terminal program like REALTERM. Hyperterm
does not display in hexadecimal.
IA0-6
These are the input bits that will be transmitted on the SOUT- pin when a change is detected, if
no change is detected, they will be transmitted every 100 mS. These inputs have internal pull up
resistors.
VSS
Connect to system ground.
VDD
Connect to supply voltage of 2.4 to 5 volts. A .1 uF decoupling capacitor to ground is
recommended.
NOTES:
Make no connection to the NC pins. Pins 5 and 15 must be left unconnected.
Serial Input Stream
START
OA6
OA3
OA1
STOP
OA4
BIT CELLS
OA5
OUTPUT OA BITS
0
DATA STREAM
OA0
OA2
When a byte is received on the SIN- pin the byte is placed on the OA pins.
The eighth bit must
be a zero or the byte is ignored. The SIO7 automatically removes start and stop bits from the
data stream. The data is format is 9600 BPS, 8 bits, 1 stop, no parity.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com