Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMP802LCPA Datasheet(PDF) 1 Page - IMP, Inc

Part # IMP802LCPA
Description  關P POWER SUPPLY SUPERVISOR WITH BATTERY BACKUP SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP802LCPA Datasheet(HTML) 1 Page - IMP, Inc

  IMP802LCPA Datasheet HTML 1Page - IMP, Inc IMP802LCPA Datasheet HTML 2Page - IMP, Inc IMP802LCPA Datasheet HTML 3Page - IMP, Inc IMP802LCPA Datasheet HTML 4Page - IMP, Inc IMP802LCPA Datasheet HTML 5Page - IMP, Inc IMP802LCPA Datasheet HTML 6Page - IMP, Inc IMP802LCPA Datasheet HTML 7Page - IMP, Inc IMP802LCPA Datasheet HTML 8Page - IMP, Inc IMP802LCPA Datasheet HTML 9Page - IMP, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Key Features
Applications
x
Embedded control systems
x
Battery–operated systems
x
Intelligent instruments
x
Wireless communication systems
x
PDAs and handheld equipment
x
µP/µC power supply monitoring
x
Design improvement over Maxim
MAX690A/692A/802L/802M/805L
— 70% lower current than Maxim:
100
µA maximum
— RESET Operation to 1.1V
x
Two precision supply-voltage monitor options
— 4.65V (IMP690A/802L/805L)
— 4.40V (IMP692A/802M)
x
Battery-backup power switch on-chip
x
Watchdog timer: 1.6 second timeout
x
Power failure/low battery detection
x
Short-circuit protection and thermal limiting
x
Small 8-pin SO package
x
No external components
x
Specified over full temperature range
Block Diagrams
+
–
GND
Unregulated DC
Regulated +5V
VOUT
VCC
WDI
3.6V
Lithium
Battery
0.1
µF
PFO
VBATT
PFI
R1
R2
RESET
RESET
VCC
GND
GND
VCC
CMOS
RAM
NMI
I/O LINE
690A_01.eps
IMP690A
IMP690A
IMP690A, 692A
, 692A, 802L/M, 805L
, 802L/M, 805L
POWER MANAGEMENT
µ
µP P
P Poow
wer Suppl
er Supply Super
y Supervisor
visor
wit
with Batt
h Batter
ery Bac
y Backup Switc
kup Switchh
The IMP690A/IMP692A/IMP802L/IMP802M/IMP805L simplify power
supply monitoring and control in microprocessor systems. Each circuit
implements four functions: Reset control, watchdog monitoring, battery-
backup switching and power-failure monitoring. In addition to
microprocessor reset under powerup and power-down conditions, these
devices provide battery-backup switching to maintain control in power-
loss and brown-out situations. Additional monitoring capabilities
can provide an early warning of unregulated power-supply loss before
the voltage regulator drops out. The important features of these four
functions are:
a)
1.6 second watchdog timer to keep microprocessor responsive
b)
4.40V or 4.65V VCC threshold for microprocessor reset at power-up
and power-down
c)
SPDT (single-pole, double-throw) PMOS switch connects backup
power to RAM if VCC fails
d) 1.25V threshold detector for power loss or general purpose voltage
monitoring
While these features are pin–compatible with the industry standard
power–supply supervisors offered by Maxim, the IMP devices are supe-
rior replacements and can reduce power requirements by 70 percent
when compared to Maxim MAX690/MAX692A/MAX802L/MAX802M/
MAX805L devices. Short-circuit and thermal protection have also
been added.
The IMP690A/IMP802L/IMP805L generate a reset pulse when the
supply voltage drops below 4.65V, and the IMP692A/IMP802M
generate a reset below 4.40V. The IMP802L/IMP802M have power–fail
accuracy to ±2%. The IMP805L is the same as the IMP690A except that
RESET is provided instead of

RESET.
IMP, Inc.
San Jose, CA
408-432-9100/www.impweb.com
+
+
+
VCC
VOUT
1
7
5
3
PFI
WDI
GND
VBATT
8
2
6
4
PFO
IMP690A, IMP692A, IMP802L, IMP802M,
IMP805L
RESET
(RESET)
( ) IMP805L
Battery-Switchover
Circuit
Reset
Generator
Watchdog
Timer
3.5V
1.25V
1.25V
0.8V
690A_03.eps
Typical Application


Similar Part No. - IMP802LCPA

ManufacturerPart #DatasheetDescription
logo
A1 PROs co., Ltd.
IMP802LCPA A1PROS-IMP802LCPA Datasheet
227Kb / 10P
μP Power Supplly Supervisor wiitth Battttery Backup Swiittch
More results

Similar Description - IMP802LCPA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC70 TELCOM-TC70 Datasheet
89Kb / 7P
MICROMASTER - SYSTEM SUPERVISOR WITH POWER SUPPLY MONITOR, WATCHDOG AND BATTERY BACKUP
logo
Maxim Integrated Produc...
MAX6361 MAXIM-MAX6361 Datasheet
104Kb / 8P
SOT23, Low-Power 關P Supervisory Circuits with Battery Backup
Rev 0; 1/00
MAX703 MAXIM-MAX703 Datasheet
351Kb / 8P
Low-Cost 關P Supervisory Circuits with Battery Backup
Rev 1; 4/94
logo
Alliance Semiconductor ...
ASM690 ALSC-ASM690 Datasheet
323Kb / 13P
UP Power Supply Supervisor With Battery Backup Switch
logo
Texas Instruments
TPS3606-33 TI-TPS3606-33 Datasheet
388Kb / 18P
BATTERY-BACKUP SUPERVISOR FOR LOW-POWER PROCESSORS
logo
PulseCore Semiconductor
ASM690A PULSECORE-ASM690A Datasheet
348Kb / 15P
關P Power Supply Supervisor With Battery Backup Switch
logo
Texas Instruments
TPS3617 TI1-TPS3617 Datasheet
612Kb / 17P
BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3631-01 TI1-TPS3631-01 Datasheet
469Kb / 19P
ADJUSTABLE BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3613-01 TI1-TPS3613-01 Datasheet
319Kb / 15P
Adustable battery-backup supervisor for ram retention
TPS3617-50 TI1-TPS3617-50 Datasheet
271Kb / 15P
BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com