Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILC6375 Datasheet(PDF) 2 Page - Impala Linear Corporation

Part # ILC6375
Description  1 AMP SOT - 89 STEP DOWN PWM SWITCHER CONTROLLER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMPALA [Impala Linear Corporation]
Direct Link  
Logo IMPALA - Impala Linear Corporation

ILC6375 Datasheet(HTML) 2 Page - Impala Linear Corporation

  ILC6375 Datasheet HTML 1Page - Impala Linear Corporation ILC6375 Datasheet HTML 2Page - Impala Linear Corporation ILC6375 Datasheet HTML 3Page - Impala Linear Corporation ILC6375 Datasheet HTML 4Page - Impala Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Parameter
Symbol
Ratings
Units
Input Voltage
VIN
12
V
Voltage on VOUT pin
VOUT
12
V
Voltage on pin EXT
VEXT
-0.3 to VIN + 0.3
V
Current on pin EXT
IEXT
+50
mA
Continuous Total Power Dissipation
PD
500
mW
Operating Ambient Temperature
TA
-30 to +80
οC
Storage Temperatures
TSTG
-40 to+125
οC
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Output Voltage
VOUT
4.875
5.000
5.125
V
Input Voltage
VIN
10
V
Supply Current 1
IDD 1
4.75V applied to VOUT with no
external components
25
42
µA
Supply Current 2
IDD 2
5.5V applied to VOUT with no
external components
20
34
µA
EXT “High” ON Resistance
REXTH
5.5V applied to VOUT with no
external components, VEXT =4.6V
38
63
Ω
EXT “Low” ON Resistance
REXTL
4.75V applied to VOUT with no
external components, VEXT =0.4V
30
50
Ω
Oscillator Frequency
FOSC
Measure Frequency at EXT pin
85
100
115
kHz
Maximum Duty Ratio
MAXDTY
Measure Duty Cycle at EXT pin
100
%
Efficiency
EFFI
90
%
Soft-Start Time
TSS
10
ms
VOUT = 5.0V FOSC = 100kHz TA = 25
o
C, unless otherwise specified, VIN = 6V, IOUT = 100mA, See test circuit, figure 1.
1 Amp SOT-89 Step Down PWM Switcher Controller
Impala Linear Corporation
2
(408) 574-3939
www.impalalinear.com
June 1999
ILC6375 1.1
Absolute Maximum Ratings (TA = 25οοC)
Electrical Characteristics ILC6375CP-50



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com