Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILC6375 Datasheet(PDF) 4 Page - Impala Linear Corporation

Part # ILC6375
Description  1 AMP SOT - 89 STEP DOWN PWM SWITCHER CONTROLLER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMPALA [Impala Linear Corporation]
Direct Link  
Logo IMPALA - Impala Linear Corporation

ILC6375 Datasheet(HTML) 4 Page - Impala Linear Corporation

  ILC6375 Datasheet HTML 1Page - Impala Linear Corporation ILC6375 Datasheet HTML 2Page - Impala Linear Corporation ILC6375 Datasheet HTML 3Page - Impala Linear Corporation ILC6375 Datasheet HTML 4Page - Impala Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
OUTPUT CUR RENT IOUT (mA)
0
110
8.0V
5.0
4.6
4.4
4. 2
100
1 00 0
10.0V
VIN=5.0V
7.0V
5.2
4.8
OUTPUT CURRENT I
OUT (mA)
0
110
4.8
4.4
4.2
4.0
100
1 00 0
V
IN=5.0V
5.1V
5.2
4.6
4.0
5.0
VIN=
ILC6375CP- 50
Output Voltage vs Output Curre nt
Output Voltage vs Output C urrent
IL C6375CP-50
OUTPUT CUR RENT I
OUT (mA)
0
110
80
60
40
20
100
1 00 0
10 0
0
Vin= 5.5V
Vin = 10.0V
Vin =7.0V
Efficiency vs Output C urrent
ILC6375CP- 50
OUTPUT CURR ENT IOUT (mA)
0
110
80
60
40
20
100
1 00 0
10 0
0
Vin=5.5V
Vin =7.0V
Vin =8.0V
Output Ripple Voltage vs Output Current
IL C6375CP-50
OU TPU T CURRENT I
OUT (mA)
0
11 0
80
60
40
20
10 0
10 00
10 0
0
Vin = 7.0V
Vin =4V
Vin =5.0V
Ef ficie ncy vs Output Curr ent
I LC6375CP-33
OU TPU T CURRENT I
OUT (mA)
0
110
80
60
40
20
1 00
1 000
10 0
0
Vin=4V
Vin=5.0V
Vin=7.0V
Output R ipple Volta ge vs Output C ur rent
ILC6375CP- 33
L = 100kHz CL = 47µF3.3V FOSC TA = 25
o
C, unless otherwise specified, VIN = 4V, IOUT = 55mA, See test circuit, figure 1.
1 Amp SOT-89 Step Down PWM Switcher Controller
Impala Linear Corporation
4
(408) 574-3939
www.impalalinear.com
June 1999
ILC6375 1.1
Electrical Characteristics ILC6375CP-33



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com