Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1803 Datasheet(PDF) 13 Page - Analog Devices

Part # AD1803
Description  Modem/Telephony Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1803 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD1803 Datasheet HTML 9Page - Analog Devices AD1803 Datasheet HTML 10Page - Analog Devices AD1803 Datasheet HTML 11Page - Analog Devices AD1803 Datasheet HTML 12Page - Analog Devices AD1803 Datasheet HTML 13Page - Analog Devices AD1803 Datasheet HTML 14Page - Analog Devices AD1803 Datasheet HTML 15Page - Analog Devices AD1803 Datasheet HTML 16Page - Analog Devices AD1803 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
AD1803
The frame rate at startup is 8 kHz and there are exactly 512 bits
from the start of one data frame to the next; this changes as soon
as the codec is enabled (the codec is powered down by default
after power is first applied to the AD1803). Whenever the
codec is enabled, the frame rate is switched from 8 kHz to the
programmed codec sample rate, and whenever the codec is
powered down again, the frame rate switches back to 8 kHz. With
the bit clock always fixed at 4.096 MHz, this gives rise to a first
cause of variation in the number of bits between starts of data
frames. A second cause of a varying number of bits between
starts of data frames is the presence of a subtle jitter in the asser­
tion of frame sync when the codec is enabled. On average, there
is an exact match between the programmed sample rate and the
frame rate; the frame sync itself varies up to 4% of a sample
period from the ideal assertion point in time.
FRAME TYPES:
SYNC
When the serial interface is in DSP mode, it is possible to access
only the upper or lower 8-bit byte of a 16-bit control register at
a time. While this is sufficient for manipulating many of the
AD1803 features, some features require more than eight control
bits and span multiple 8-bit bytes and/or multiple 16-bit words.
To allow all bits of a feature to take effect simultaneously, writes
to certain control bytes of certain registers are actually held in
holding latches until a particular control byte of the feature is
written. Note that a read of a control register always returns the
contents of a holding latch (if present for that register), which
does not necessarily reflect the control setting currently being
used by the AD1803. The only feature that incorporates this com­
plication is the codec sample rate, which writes to the lower byte
of Register 0x40 and does not take effect until the upper byte of
Register 0x40 is written.
OUTPUT FROM AD1803 (EIGHT ZEROS, FOLLOWED BY EIGHT BITS OF REGISTER READ DATA ADDRESSED
BY THIS FRAME)
FREQUENCY: 8kHz WHEN CODEC DISABLED, AND EQUAL TO SAMPLE RATE WHEN CODEC ENABLED
FREQUENCY: 4.096MHz
INPUT TO AD1803 (15 TRANSMIT SAMPLE DATA BITS, PLUS CONTROL FRAME REQUEST BIT)
OUTPUT FROM AD1803 (16 CAPTURE SAMPLE DATA BITS)
INPUT TO AD1803 (READ/WRITE, ADDRESS, AND BYTE SELECT, FOLLOWED BY EIGHT BITS OF
REGISTER WRITE DATA)
C15 C14 C13 C12 C11 C10
C9
C8
C7
C6
C5
C4
C3
C2
C1
C0
T15 T14 T13 T12 T11 T10
T9
T8
T7
T6
T5
T4
T3
T2
T1
CR
RW
A6
A5
A4
A3
A2
A1
B
W7
W6
W5
W4
W3
W2
W1
W0
R7
R6
R5
R4
R3
R2
R1
R0
BIT_CLK
DATA FRAME (16 BITS):
SDATA_OUT
SDATA_IN
CONTROL FRAME (16 BITS):
SDATA_OUT
SDATA_IN
Figure 11. Frame Types
FRAME INSERTED IF REQUESTED BY CR BIT
FRAME ORDERING:
SYNC
DATA FRAME
CONTROL FRAME
DATA FRAME
T15:1, CR
RW, A6:1,
B, W7:0
IGNORED
IGNORED
T15:1, CR
SDATA_OUT
R7:0
C15:0
C15:0
SDATA_IN
PERIOD EQUALS 1/8kHz WHEN CODEC IS DISABLED AND
PROGRAMMED SAMPLE PERIOD WHEN CODEC IS ENABLED
Figure 12. Frame Ordering
Rev. A | Page 13 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com