Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1803 Datasheet(PDF) 21 Page - Analog Devices

Part # AD1803
Description  Modem/Telephony Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1803 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD1803 Datasheet HTML 17Page - Analog Devices AD1803 Datasheet HTML 18Page - Analog Devices AD1803 Datasheet HTML 19Page - Analog Devices AD1803 Datasheet HTML 20Page - Analog Devices AD1803 Datasheet HTML 21Page - Analog Devices AD1803 Datasheet HTML 22Page - Analog Devices AD1803 Datasheet HTML 23Page - Analog Devices AD1803 Datasheet HTML 24Page - Analog Devices AD1803 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
AD1803
Rev. A | Page 21 of 32
GPIO PIN WAKE-UP MASK
Address
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x52
0
0
0
0
0
0
0
0
GW7
GW6
GW5
GW4
GW3
GW2
GW1
GW0
0x0000
This register is forced to its default only when power is first applied to the AD1803.
Bit Name
Description
GW7 to
GW0
GPIO Wake-Up Mask Control. A GPIO pin triggers an interrupt providing that it is enabled to cause interrupts by the corresponding
numbered bit in this register, and it has its associated sticky status bit set. For the associated sticky status bit to be set, the GPIO
input must first be enabled to be sticky by the GS bit in Register 0x50, and then the logic level selected by a GP bit in Register 0x4E
must be received on the associated GPIO pin. When an interrupt is triggered, Pin 12 is driven high providing Pin 12 is enabled to
serve as an interrupt output (see GPWAK bit in Register 0x5E). If the AD1803’s serial interface is configured in an AC '97 mode,
interrupts are also reflected on Bit 0 of Slot 12 of each frame, even if Pin 12 is not enabled to respond to an interrupt. Also in AC '97
mode, if RESET is asserted when an interrupt is triggered, the SDATA_IN pin is driven from low (default during RESET) to high to
wake an AC '97 controller. Refer to the AC '97 specification for complete details. Activated GPIO pins can trigger interrupts. The
source of the interrupt can be determined by reading Register 0x54.
0 = GPIO pin disabled from causing interrupts (default).
1 = GPIO pin enabled to cause interrupts (providing corresponding GS bit in Register 0x50 = 1).
GPIO PIN STATUS REGISTER
Address
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x54
0
0
0
0
0
0
0
0
GI7
GI6
GI5
GI4
GI3
GI2
GI1
GI0
0x00FF
This register is forced to its default only when power is first applied to the AD1803.
Bit Name
Description
GI7 to GI0
GPIO Status. Each bit corresponds with a GPIO pin of the same number. When a bit is read, it reflects either the current logic level
received on a GPIO pin or the state of the sticky status bit that is set if a selected logic level has been received on a GPIO pin since
the last time the sticky status bit was cleared (see Register 0x4E, Register 0x50, and Register 0x52). When a bit is written with a 0, the
associated sticky status bit is cleared. Note that it is not necessary to write a 1 to a bit after writing a 0 since it is the act of writing a 0
to a bit itself that clears the sticky status bit. When a bit is written with a 1, the associated sticky status bit is unaffected. If the
AD1803’s serial interface is configured in DSP mode (see Register 0x3C), writes to this register also control the logic level driven out
on the GPIO pins provided that a GPIO pin is configured as an output (see Register 0x4C) and is serving as a GPIO pin (see
Register 0x5E). If the AD1803’s serial interface is configured in an AC '97 mode, GPIO output states are determined by the bits in ac
link slot 12 rather than writes to this register (see Bit SPGBP in Register 0x5E and the AC '97 specification for further details).
MISCELLANEOUS MODEM AFE STATUS AND CONTROL REGISTER
Address
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x56
0
0
0
MLNK
0
0
0
0
0
0
0
0
0
LIB2
LIB1
LIB0
0x0000
This register is forced to its default only when power is first applied to the AD1803.
Bit Name
Description
MLNK
AC Link Disable. This bit has no effect on the behavior of the AD1803 unless it is configured as an AC '97 primary device (see
Register 0x3C). When this is the case, writing a 1 to this bit puts the AC '97 link interface into a sleep mode by causing the AD1803
to drive the BIT_CLK pin low within one BIT_CLK period after the completion of Slot 2 (the slot in which writes to control registers
occur). While in this sleep mode, an AC '97 controller can wake the AD1803 interface either by pulsing the SYNC pin, or by
asserting and then deasserting the RESET pin. Refer to the AC '97 specification for complete details. Note that the interface is put
to sleep, regardless of interface mode, if the RESET pin is asserted.
LIB2 to LIB0
Loopback Modes.
000 = No loopback. Normal signal pathways engaged (default).
001 = Analog loopback. Analog ADC output to analog DAC input (at analog interface to digital codec).
010 = Local loopback. DAC output to ADC input (at analog pins).
011 = Digital loopback. Digital DAC output to digital ADC input (at digital interface to analog codec).
1xx = No loopback. Normal signal pathways engaged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com