Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM1204BC-R Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SM1204BC-R
Description  SURFACE MOUNT LED RED/BLUE, 1204 PACKAGE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SM1204BC-R Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SM1204BC-R Datasheet HTML 1Page - List of Unclassifed Manufacturers SM1204BC-R Datasheet HTML 2Page - List of Unclassifed Manufacturers SM1204BC-R Datasheet HTML 3Page - List of Unclassifed Manufacturers SM1204BC-R Datasheet HTML 4Page - List of Unclassifed Manufacturers SM1204BC-R Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
3mm (T1) Package Discrete LEDs
AMBER
Bivar reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Bivar, Inc. — 4 Thomas, Irvine, California 92618, U.S.A.
Phone: (949) 951-8808 Fax: (949) 951-3974 E-mail: bivar@bivar.com Web: www.bivar.com
Rev. A 01/16/08
Page 4 of 4
Bivar reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Bivar, Inc. — 4 Thomas, Irvine, California 92618, U.S.A.
Phone: (949) 951-8808 Fax: (949) 951-3974 E-mail: bivar@bivar.com Web: www.bivar.com
Revision A 01/10
Page 5 of 5
Bivar reserves the right to make changes at any time without notice.
Packaging and Labeling Plan
Desiccant
Internal Quality Control
Bivar Standard Packaging Label
Humidity Indicator
Card
Note: 1 Reel / Bag
Vacuum and Heat Sealed
Clear AntiStatic Poly Bag
X.XXX
X.XXX
Outline Drawings Notes:
1. All dimensions are in inches [millimeters].
2. Standard tolerance unless otherwise noted: X.XXX ± 0.010"
X.X ± 0.1”
SURFACE MOUNT LED
RED/BLUE, 1204 PACKAGE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com