Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM1204BC-R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SM1204BC-R
Description  SURFACE MOUNT LED RED/BLUE, 1204 PACKAGE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SM1204BC-R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SM1204BC-R Datasheet HTML 1Page - List of Unclassifed Manufacturers SM1204BC-R Datasheet HTML 2Page - List of Unclassifed Manufacturers SM1204BC-R Datasheet HTML 3Page - List of Unclassifed Manufacturers SM1204BC-R Datasheet HTML 4Page - List of Unclassifed Manufacturers SM1204BC-R Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Bivar reserves the right to make changes at any time without notice.
Bivar, Inc. — 4 Thomas, Irvine, California 92618, U.S.A.
Phone: (949) 951-8808 Fax: (949) 951-3974 E-mail: bivar@bivar.com Web: www.bivar.com
Revision A 01/10
Page 1 of 5
Part Number
Material
Emitted Color
Peak
Wavelength
λp(nm) TYP.
Lens
Appearance
Luminous
Intensity
(mcd) TYP.
Viewing Angle
SM1204BC-R/B
AlGaInP
RED
645
Water Clear
115
InGaN
BLUE
468
115
130°
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
SENSITIVE DEVICES
RoHS Compliant
Moisture
Sensitivity
Level 4
Outline Dimensions
SM1204BC-R/B
♦
Industry Standard 1204 Package
♦
RoHS Compliant
♦
Two Chips in One Package
♦
Right Angle Mounting
♦
Water Clear Lens
♦
Wide Viewing Angle
♦
Ideal for Status Indication and Display
SURFACE MOUNT LED
RED/BLUE, 1204 PACKAGE
Bivar Surface Mount 1204 Bi-Color LED combines two chips in a single package. The right angle
package is ideal for small scale applications where multiple signals need to be displayed. The third
color can be created by powering up both chips together. Low power consumption and excellent long
life reliability are ideal for battery powered equipment. Bivar offers water clear LED lens for maximum
luminous intensity. Wide variety of wavelength and intensity combinations are available to meet any
illumination need. The SM1204 LED is packaged in standard tape and reels for pick and place assem-
blies.
Outline Drawings Notes:
1. All dimensions are in inches [millimeters].
2. Standard tolerance: ±0.010" unless otherwise noted.


Similar Part No. - SM1204BC-R

ManufacturerPart #DatasheetDescription
logo
Bivar, Inc.
SM1204BC-RB BIVAR-SM1204BC-RB Datasheet
584Kb / 5P
SURFACE MOUNT LED RED/BLUE, 1204 PACKAGE
Revision A 01/10
SM1204BC-RG BIVAR-SM1204BC-RG Datasheet
575Kb / 5P
SURFACE MOUNT LED RED/GREEN, 1204 PACKAGE
Revision A 01/10
More results

Similar Description - SM1204BC-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM1204BC ETC2-SM1204BC Datasheet
581Kb / 5P
SURFACE MOUNT LED RED/GREEN, 1204 PACKAGE
logo
Bivar, Inc.
SM1204BC-RB BIVAR-SM1204BC-RB Datasheet
584Kb / 5P
SURFACE MOUNT LED RED/BLUE, 1204 PACKAGE
Revision A 01/10
SM1204BC-RG BIVAR-SM1204BC-RG Datasheet
575Kb / 5P
SURFACE MOUNT LED RED/GREEN, 1204 PACKAGE
Revision A 01/10
SM1204BC BIVAR-SM1204BC Datasheet
577Kb / 5P
SURFACE MOUNT LED RED/GREEN, 1204 PACKAGE
Revision A 01/10
SM1204RGB BIVAR-SM1204RGB Datasheet
659Kb / 6P
SURFACE MOUNT LED RED/GREEN/BLUE, 1204 PACKAGE
Revision A 8/21
SM1204SBWC BIVAR-SM1204SBWC Datasheet
522Kb / 5P
SURFACE MOUNT LED BLUE, 1204 PACKAGE
Revision A 01/10
SM1204SRC BIVAR-SM1204SRC Datasheet
517Kb / 5P
SURFACE MOUNT LED RED, 1204 PACKAGE
Revision A 01/10
SM1204UGC BIVAR-SM1204UGC Datasheet
513Kb / 5P
SURFACE MOUNT LED GREEN, 1204 PACKAGE
Revision A 01/10
SM1204URC BIVAR-SM1204URC Datasheet
514Kb / 5P
SURFACE MOUNT LED RED, 1204 PACKAGE
Revision A 01/10
SM1204UYC BIVAR-SM1204UYC Datasheet
514Kb / 5P
SURFACE MOUNT LED YELLOW, 1204 PACKAGE
Revision A 01/10
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com