Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMP706EPA Datasheet(PDF) 3 Page - IMP, Inc

Part # IMP706EPA
Description  LOW-POWER 關P SUPERVISOR CIRCUITS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP706EPA Datasheet(HTML) 3 Page - IMP, Inc

  IMP706EPA Datasheet HTML 1Page - IMP, Inc IMP706EPA Datasheet HTML 2Page - IMP, Inc IMP706EPA Datasheet HTML 3Page - IMP, Inc IMP706EPA Datasheet HTML 4Page - IMP, Inc IMP706EPA Datasheet HTML 5Page - IMP, Inc IMP706EPA Datasheet HTML 6Page - IMP, Inc IMP706EPA Datasheet HTML 7Page - IMP, Inc IMP706EPA Datasheet HTML 8Page - IMP, Inc IMP706EPA Datasheet HTML 9Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
©
1999 IMP, Inc.
408-432-9100/www.impweb.com
3
IMP705/6/7/8, 8
IMP705/6/7/8, 8113L
3L
Electrical Characteristics
Absolute Maximum Ratings
Pin Terminal Voltage with Respect to Ground
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3V to 6.0V
All other inputs1 . . . . . . . . . . . . . . . . . . . . . . . . –0.3V to (VCC + 0.3V)
Input Current at VCC and GND . . . . . . . . . . 20mA
Output Current: All outputs . . . . . . . . . . . . . 20mA
Rate of Rise at VCC . . . . . . . . . . . . . . . . . . . . . 100V/µs
Plastic DIP Power Dissipation . . . . . . . . . . . 700 mW
(Derate 9 mW/
°C above 70°C)
SO Power Dissipation
. . . . . . . . . . . . . . . . . 470 mW
(Derate 5.9 mW/
°C above 70°C)
MicroSO Power Dissipation . . . . . . . . . . . . . 330mW
(Derate 4.1 mW/
°C above 70°C)
Operating Temperature Range
IMP705E/706E/707E/708E/813LE . . . . . . . –40
°C to 85°C
IMP706C/707C/708C/813LC . . . . . . . . . . . 0
°C to 70°C
Storage Temperature Range . . . . . . . . . . . . . . –65
°C to 160°C
Lead Temperature Soldering(10 sec) . . . . . . 300
°C
Note: 1. The input voltage limits on PFI and MR can be exceeded if
the input current is less than 10mA.
These are stress ratings only and functional operation is not implied.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Operating Voltage Range
VCC
IMP705/6/7/8C
1.2
5.5
V
IMP813L
1.1
5.5
IMP705/6/7/8E, IMP813lE
1.2
5.5
Supply Current
ICC
IMP705C/706C/813LC
75
140
µA
IMP705E, IMP706E, IMP813LE
75
140
IMP707C, IMP708C
50
140
IMP707E, IMP708E
50
140
RESET Threshold
VRT
IMP705, IMP707, IMP813L, Note 2
4.50
4.65
4.75
V
IMP706, IMP708, Note 2
4.25
4.40
4.50
RESET Threshold Hysteresis
Note 2
40
mV
RESET Pulse Width
tRS
Note 2
140
200
280
ms
MR Pulse Width
tMR
0.15
µs
MR to RESET Out Delay
tMD
Note 2
0.25
µs
MR Input Threshold
VIH
2.0
V
VIL
0.8
MR Pull-up Current
MR = 0V
100
250
600
µA
RESET Output Voltage
ISOURCE = 800
µAVCC - 1.5V
V
ISINK = 3.2mA
0.4
IMP705/6/7/8, VCC = 1.2V, ISINK = 100
µA
0.3
RESET Output Voltage
IMP707/708/813L, ISOURCE = 800
µAVCC - 1.5V
V
IMP707/708, ISINK = 1.2mA
0.4
IMP813L, ISINK = 3.2mA
0.4
IMP813L, VCC =1.2V, ISOURCE = 4
µA
0.9
Watchdog Timeout Period
tWD
IMP705/706/813L
1.00
1.60
2.25
s
WDI Pulse Width
tWP
VIL = 0.4V, VIH = 0.8VCC
50
ns
WDI Input Threshold
VIH
IMP705/706/813L, VCC = 5V
3.5
V
VIL
0.8
WDI Input Current
IMP705/706/813L, WDI = VCC
50
150
µA
IMP705/706/813L, WDI = 0V
–150
– 50
WDO Output Voltage
IMP705/706/813L, ISOURCE = 800
µAVCC - 1.5V
V
IMP705/706/813L, ISINK = 1.2mA
0.4
PFI Input Threshold
VCC = 5V
1.2
1.25
1.3
V
PFI Input Current
– 25
0.01
25
nA
PFO Output Voltage
ISOURCE = 800
µAVCC - 1.5V
V
ISINK = 3.2mA
0.4
Unless otherwise noted, VCC = 4.75V to 5.5V for the IMP705/707/813L. VCC = 4.5V to 5.5V for the IMP706/708 and over the
operating temperature range.
Notes: 2. RESET (IMP705/6/7/8), RESET (IMP707/8, IMP813L)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com