Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMP706EPA Datasheet(PDF) 6 Page - IMP, Inc

Part # IMP706EPA
Description  LOW-POWER 關P SUPERVISOR CIRCUITS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP706EPA Datasheet(HTML) 6 Page - IMP, Inc

  IMP706EPA Datasheet HTML 1Page - IMP, Inc IMP706EPA Datasheet HTML 2Page - IMP, Inc IMP706EPA Datasheet HTML 3Page - IMP, Inc IMP706EPA Datasheet HTML 4Page - IMP, Inc IMP706EPA Datasheet HTML 5Page - IMP, Inc IMP706EPA Datasheet HTML 6Page - IMP, Inc IMP706EPA Datasheet HTML 7Page - IMP, Inc IMP706EPA Datasheet HTML 8Page - IMP, Inc IMP706EPA Datasheet HTML 9Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
408-432-9100/www.impweb.com
©
1999 IMP, Inc.
IMP705/6/7/8, 8
IMP705/6/7/8, 8113L
3L
Application Information
IMP70x
VCC < 1.1V
GND
RESET
100k
9
705_06.eps
VCC
Ensuring That RESET is Valid Down to VCC = 0V
When VCC falls below 1.1V, the IMP705-708 RESET output no
longer pulls down; it becomes indeterminate. To avoid the possi-
bility that stray charges build up and force RESET to the wrong
state, a pull-down resistor should be connected to the RESET pin,
thus draining such charges to ground and holding RESET
low. The resistor value is not critical. A 100k
Ω resistor will pull
RESET to ground without loading it.
Bi-directional Reset Pin Interfacing
The IMP705/6/7/8 can interface with
µP/µC bi-directional reset
pins by connecting a 4.7k
Ω resistor in series with the RESET
output and the
µP/µC bi-directional RESET pin.
Power
Supply
IMP70x
VCC
GND
GND
RESET
4.7k
Ω
705_08.eps
Bi-directional I/O Pin
(Example: 68HC11)
BUF
Buffered
RESET
µC or µP
RESET
Input
Figure 3. Ensuring That RESET is Valid Down to VCC = 0V
Figure 3. Bi-directional Reset Pin Interfacing



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com