Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILC7010 Datasheet(PDF) 2 Page - Impala Linear Corporation

Part # ILC7010
Description  80MA SC70 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMPALA [Impala Linear Corporation]
Direct Link  
Logo IMPALA - Impala Linear Corporation

ILC7010 Datasheet(HTML) 2 Page - Impala Linear Corporation

  ILC7010 Datasheet HTML 1Page - Impala Linear Corporation ILC7010 Datasheet HTML 2Page - Impala Linear Corporation ILC7010 Datasheet HTML 3Page - Impala Linear Corporation ILC7010 Datasheet HTML 4Page - Impala Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
80mA SC70 Ultra Low Noise CMOS RF-LDO™ Regulator
Impala Linear Corporation
2
(408) 574-3939
www.impalalinear.com
August 2000
ILC7010 1.3
Preliminary
Pin Description
Shutdown
Ground pin. Local ground for COUT
Output voltage. Connect COUT between this pin and the GND (pin 3)
Connect Directly to Supply
Pin Description
1
2
3
4
5
Pin Name
ON/OFF
N/C
GND
VOUT
VIN
Parameter
Input voltage 7010
ON/OFF Input Voltage
Output Current
Output Voltage
Package Power Dissipation
Maximim Junction Temp. Range
Storage Temperature
Operation Ambient Temperature
Symbol
VIN
VON/OFF
IOUT
VOUT
PD
TJ(MAX)
TSTG
TA
Ratings
-0.3 to +9V
-0.3 to VIN
Short Circuit Protected
-0.3 to VIN +0.3
TBD
-40 to +125
-40 to +125
-40 to +85
Units
V
V
mA
V
mW
°C
°C
°C
1
2
3
4
5
ON
OFF
GND
ILC7010
N/C
V
IN
V
OUT
Pin Description ILC7010 (fixed voltage veresion)
PIN PACKAGE CONFIGURATIONS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com