Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILC7010 Datasheet(PDF) 4 Page - Impala Linear Corporation

Part # ILC7010
Description  80MA SC70 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMPALA [Impala Linear Corporation]
Direct Link  
Logo IMPALA - Impala Linear Corporation

ILC7010 Datasheet(HTML) 4 Page - Impala Linear Corporation

  ILC7010 Datasheet HTML 1Page - Impala Linear Corporation ILC7010 Datasheet HTML 2Page - Impala Linear Corporation ILC7010 Datasheet HTML 3Page - Impala Linear Corporation ILC7010 Datasheet HTML 4Page - Impala Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
80mA SC70 Ultra Low Noise CMOS RF-LDO™ Regulator
Impala Linear Corporation
4
(408) 574-3939
www.impalalinear.com
August 2000
ILC7010 1.3
Preliminary
1.15/1.35
.325
.70
.45
.65
.65
1.30
Recommended Mount Pad
1.85
.325
1.80-2.20
0.65 BSC
0.65 BSC
0.15-0.30
c
1.30
15°
Devices sold by Impala Linear Corporation are covered by the warranty and patent indemnification provisions appearing
in its Terms of Sale only. Impala Linear Corporation makes no warranty, express, statutory, implied, or by description
regarding the information set forth herein or regarding the freedom of the described devices from patent infringement.
Impala Linear Corporation makes no warranty of merchantability or fitness for any purpose. Impala Linear Corporation
reserves the right to discontinue production and change specifications and prices at any time and without notice.
This product is intended for use in normal commercial applications. Applications requiring an extended temperature
range, unusual environmental requirements, or high reliability applications, such as military and aerospace, are specif-
ically not recommended without additional processing by Impala Linear Corporation.
Impala Linear Corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in an
Impala Linear Corporation product. No other circuits, patents, licenses are implied.
Life Support Policy
Impala Linear Corporation’s products are not authorized for use as critical components in life support devices or systems.
1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or
(b) support or sustain life, and whose failure to perform, when properly used in accordance with instructions for use pro-
vided in the labelling, can be reasonably expected to result in a significant injury to the user.
2. A critical component is any component of a life support device or system whose failure to perform can be reason-
bly expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
Output Voltage (V)
2.8
3.0
3.3
3.6
4.7
5.0
Grade
A
A
A
A
A
A
Order Information
ILC7010C5-28
ILC7010C5-30
ILC7010C5-33
ILC7010C5-36
ILC7010C5-47
ILC7010C5-50
Supplied As:
3K Units on Tape and Reel
3K Units on Tape and Reel
3K Units on Tape and Reel
3K Units on Tape and Reel
3K Units on Tape and Reel
3K Units on Tape and Reel
1. All dimensions are in millimeters min/max
2. Dimensions are inclusive of plating
3. Dimensions are exclusive of mold flash and metal burr
4. All specifications comply to EIAJ SC70
*NOTE: First two characters identify the product and the last two characters identify the datecode.
SC-70 Package Markings
ILC7010C5-xx



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com