Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILC7262CS-50/30 Datasheet(PDF) 1 Page - Impala Linear Corporation

Part # ILC7262CS-50/30
Description  DUAL CMOS LDO
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMPALA [Impala Linear Corporation]
Direct Link  
Logo IMPALA - Impala Linear Corporation

ILC7262CS-50/30 Datasheet(HTML) 1 Page - Impala Linear Corporation

  ILC7262CS-50/30 Datasheet HTML 1Page - Impala Linear Corporation ILC7262CS-50/30 Datasheet HTML 2Page - Impala Linear Corporation ILC7262CS-50/30 Datasheet HTML 3Page - Impala Linear Corporation ILC7262CS-50/30 Datasheet HTML 4Page - Impala Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Dual 125mA CMOS LDO in an SO-8 package. This part
offers 120mV dropout voltage on each output at 100mA typ-
ical (5V part), and nearly zero dropout below 5mA. Each
output is independently short-circuit protected.
Its all-CMOS design means that only 2.2µA of current is
required to run the part.
±2% accurate outputs come in a number of configurations,
to allow for flexible yet compact portable system designs.
ILC7262
Dual CMOS LDO
Impala Linear Corporation
Impala Linear Corporation
1
(408) 574-3939
www.impalalinear.com
June 1996
ILC7262 1.0
•
All-CMOS design in an 8-lead SOIC package
•
±2% precision outputs
•
2.2µA of Iq
•
Short-circuit protected outputs
•
Voltage options allow:
Dual 50mA 5.0 & 3.3V Regulator
Dual 50mA 5.0 & 3.0V Regulator
Dual 125mA 5V to 3.0V & 3.3V Convertor
•
Battery-powered Equipment
•
Portable communications
•
PDAs and palmtops
ILC7262CS-50/30
Dual 50mA 5v & 3.0V Regulator
ILC7262CS-50/33
Dual 50mA 5V & 3.3V Regulator
ILC7262CS-33/30
Dual 125mA 5V to 3.0 V & 3.3V Converter
*Standard Product offering comes in tape & reel, quantity 1000 per reel, orientation right.
REFERENCE VOLTAGE
SOURCE
V
OUT1
V
IN
-
+
SHORT-CIRCUIT
PROTECT
V
SS
V
OUT2
V
SS2
NC
V
SS1
V
SS2
NC
V
IN
V
OUT1
V
OUT2
NC
1
2
3
45
6
7
8
SO-8
(TOP VIEW)
Block Diagram
General Description
Features
Applications
Ordering Information
Pin-Package Configurations


Similar Part No. - ILC7262CS-50/30

ManufacturerPart #DatasheetDescription
logo
Impala Linear Corporati...
ILC7280 IMPALA-ILC7280 Datasheet
63Kb / 9P
MICROPOWER DUAL 150MA CMOS RF LDO REGULATORS WITH 75DB RIPPLE REJECTION
logo
Fairchild Semiconductor
ILC7280 FAIRCHILD-ILC7280 Datasheet
383Kb / 9P
Micropower Dual 150mA CMOS RF LDO-TM Regulators
ILC7280AR2530X FAIRCHILD-ILC7280AR2530X Datasheet
383Kb / 9P
Micropower Dual 150mA CMOS RF LDO-TM Regulators
ILC7280AR2828X FAIRCHILD-ILC7280AR2828X Datasheet
383Kb / 9P
Micropower Dual 150mA CMOS RF LDO-TM Regulators
ILC7280AR2830X FAIRCHILD-ILC7280AR2830X Datasheet
383Kb / 9P
Micropower Dual 150mA CMOS RF LDO-TM Regulators
More results

Similar Description - ILC7262CS-50/30

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM2730 ETC-CM2730 Datasheet
267Kb / 10P
300mA DUAL LOW NOISE CMOS LDO
logo
Catalyst Semiconductor
CAT6221 CATALYST-CAT6221 Datasheet
761Kb / 11P
300mA CMOS Dual LDO Regulator
logo
Seaward Electronics Inc...
SE5221 SEAWARD-SE5221 Datasheet
204Kb / 7P
Dual 200mA CMOS LDO Voltage Regulator
logo
ON Semiconductor
CAT6221 ONSEMI-CAT6221 Datasheet
597Kb / 10P
300 mA CMOS Dual LDO Regulator
December, 2009 ??Rev. 1
CAT6221 ONSEMI-CAT6221_12 Datasheet
586Kb / 10P
300 mA CMOS Dual LDO Regulator
February, 2011 ??Rev. 2
logo
ELM Electronics
ELM86 ELM-ELM86 Datasheet
987Kb / 13P
CMOS Dual 400mA LDO Regulator
logo
ELM Technology Corporat...
ELM86-SERIES ELM-TECH-ELM86-SERIES Datasheet
987Kb / 13P
CMOS Dual 400mA LDO Regulator
ELM86 ELM-TECH-ELM86 Datasheet
924Kb / 13P
CMOS Dual 400mA LDO Regulator
logo
Bookly Micro electronic
BM9168 BOOKLY-BM9168 Datasheet
214Kb / 7P
CMOS LDO
BM9230 BOOKLY-BM9230 Datasheet
277Kb / 8P
CMOS LDO
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com