Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILC7280 Datasheet (PDF) - Impala Linear Corporation

ILC7280 Datasheet PDF - Impala Linear Corporation
Part # ILC7280
Download  ILC7280 Download
File Size   63.91 Kbytes
Page   9 Pages
Manufacturer  IMPALA [Impala Linear Corporation]
Direct Link  
Logo IMPALA - Impala Linear Corporation
Description MICROPOWER DUAL 150MA CMOS RF LDO REGULATORS WITH 75DB RIPPLE REJECTION

ILC7280 Datasheet (PDF)

Go To PDF Page Download Datasheet
ILC7280 Datasheet PDF - Impala Linear Corporation

Part # ILC7280
Download  ILC7280 Click to download

File Size   63.91 Kbytes
Page   9 Pages
Manufacturer  IMPALA [Impala Linear Corporation]
Direct Link  
Logo IMPALA - Impala Linear Corporation
Description MICROPOWER DUAL 150MA CMOS RF LDO REGULATORS WITH 75DB RIPPLE REJECTION

ILC7280 Datasheet (HTML) - Impala Linear Corporation


ILC7280 Product details

General Description
The ILC7280 is two independent 150mA low dropout (LDO) voltage regulators in an 8-pin MSOP package. Each regulator output is independently short circuit protected and has independent enable lines. The device offers a unique combination of low dropout voltage and low quiescent current of CMOS as well as the low noise and high ripple rejection characteristics of bipolar LDO regulators. Moreover, only one input capacitor is required.

Features
• Guaranteed 150mA output per regulator
• Ultra low 150mV dropout at 150mA
• 1% output voltage accuracy
• Requires only 0.47µF output capacitor
• Only 150µA ground current at 150mA load
• 60dB ripple rejection at 1kHz (COUT = 0.47µF)
• 80µVRMS noise at BW = 300Hz to 50kHz
• Excellent line and load transient response
• Over current / over temperature protection
• 8-pin MSOP package
• -60dB cross talk

Applications
• Cellular Phones, pagers and wireless headsets
• Palmtops, organizers, PDAs and portable electronics
• Battery powered portable appliances and equipment
• Remote data accumulation and instrumentation




Similar Part No. - ILC7280

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ILC7280 FAIRCHILD-ILC7280 Datasheet
383Kb / 9P
Micropower Dual 150mA CMOS RF LDO-TM Regulators
ILC7280AR2530X FAIRCHILD-ILC7280AR2530X Datasheet
383Kb / 9P
Micropower Dual 150mA CMOS RF LDO-TM Regulators
ILC7280AR2828X FAIRCHILD-ILC7280AR2828X Datasheet
383Kb / 9P
Micropower Dual 150mA CMOS RF LDO-TM Regulators
ILC7280AR2830X FAIRCHILD-ILC7280AR2830X Datasheet
383Kb / 9P
Micropower Dual 150mA CMOS RF LDO-TM Regulators
ILC7280AR3030X FAIRCHILD-ILC7280AR3030X Datasheet
383Kb / 9P
Micropower Dual 150mA CMOS RF LDO-TM Regulators
More results


Similar Description - ILC7280

ManufacturerPart #DatasheetDescription
logo
Impala Linear Corporati...
ILC7281 IMPALA-ILC7281 Datasheet
74Kb / 9P
MICROPOWER DUAL 150MA CMOS RF LDO REGULATORS WITH POWER SUPPLY RESET MONITOR
logo
Fairchild Semiconductor
ILC7280 FAIRCHILD-ILC7280 Datasheet
383Kb / 9P
Micropower Dual 150mA CMOS RF LDO-TM Regulators
logo
Linear Technology
LT1762 LINER-LT1762 Datasheet
229Kb / 16P
150mA, Low Noise, LDO Micropower Regulators
logo
Advanced Analogic Techn...
AAT3216 ANALOGICTECH-AAT3216 Datasheet
184Kb / 16P
150mA MicroPower??LDO with PowerOK
logo
Rohm
BHXXNB1WHFV ROHM-BHXXNB1WHFV_09 Datasheet
339Kb / 9P
High-ripple rejection CMOS LDO Regulators for High-frequency Circuits
BH12PB1WHFV ROHM-BH12PB1WHFV_11 Datasheet
353Kb / 11P
1ch 150mA CMOS LDO Regulators
BH15RB1WGUT ROHM-BH15RB1WGUT_11 Datasheet
303Kb / 9P
1ch 150mA CMOS LDO Regulators
BH25NB1WHFV ROHM-BH25NB1WHFV_11 Datasheet
303Kb / 9P
1ch 150mA CMOS LDO Regulators
logo
E-Tech Electronics LTD
LR1121B ETL-LR1121B Datasheet
340Kb / 8P
HIGH RIPPLE-REJECTION LDO REGULATOR
logo
Linear Technology
LT1762 LINER-LT1762_15 Datasheet
425Kb / 16P
150mA, Low Noise, LDO Micropower Regulators
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com