Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILC7280 Datasheet(PDF) 4 Page - Impala Linear Corporation

Part # ILC7280
Description  MICROPOWER DUAL 150MA CMOS RF LDO REGULATORS WITH 75DB RIPPLE REJECTION
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMPALA [Impala Linear Corporation]
Direct Link  
Logo IMPALA - Impala Linear Corporation

ILC7280 Datasheet(HTML) 4 Page - Impala Linear Corporation

  ILC7280 Datasheet HTML 1Page - Impala Linear Corporation ILC7280 Datasheet HTML 2Page - Impala Linear Corporation ILC7280 Datasheet HTML 3Page - Impala Linear Corporation ILC7280 Datasheet HTML 4Page - Impala Linear Corporation ILC7280 Datasheet HTML 5Page - Impala Linear Corporation ILC7280 Datasheet HTML 6Page - Impala Linear Corporation ILC7280 Datasheet HTML 7Page - Impala Linear Corporation ILC7280 Datasheet HTML 8Page - Impala Linear Corporation ILC7280 Datasheet HTML 9Page - Impala Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Micropower dual 150mA CMOS RF LDO™ Regulators with 75dB Ripple Rejection
Impala Linear Corporation
4
(408) 574-3939
www.impalalinear.com
May 2000
ILC7280 1.8
Advance
Parameter
Output Voltage
Output Voltage
Output Voltage
Line Regulation
Dropout Voltage (Note 3)
Dropout Voltage (Note 3)
Dropout Voltage (Note 3)
Ground Pin Current
One regulator on
Ground Pin Current
One regulator on
Ground Pin Current
One regulator on
Ground pin Current
Both regulator on
Ground pin Current
Both regulators on
Ground pin Current
Both regulators on
Shutdown Current
Symbol
VOUT
VOUT
VOUT
∆V
O/∆VIN
VIN - VOUT
VIN - VOUT
VIN - VOUT
IGND
IGND
IGND
IGND
IGND
IGND
IS/D
Conditions
IOUT = 1mA
1mA < IOUT < 100mA
1mA < IOUT < 100mA
1mA < IOUT < 150mA
1mA < IOUT < 150mA
VO(NOM) + 1V < VIN < 10V
IOUT = 0mA
IOUT = 10mA
IOUT =150mA
IOUT = 0mA
IOUT = 10mA
IOUT = 150mA
IOUT = 0mA
IOUT = 10mA
IOUT = 150mA
Min
-1
-2
-3
Typ
VOUT
(Nom.)
VOUT
(Nom.)
VOUT
(Nom.)
0.007
0.1
10
150
90
100
135
105
115
150
0.1
Max
+1
+2
+3
0.014
0.032
1
2
15
20
175
200
1
Units
%V
(Nom.)
%V
(Nom.)
%V
(Nom.)
%/V
mV
mV
mV
µA
µA
µA
µA
µA
µA
µA
Electrical Characteristics ILC7280CS
Unless otherwise specified, all limits are at TA = 25°C; VIN = VO(NOM) + 1V, IOUT = 1mA, COUT = 0.47µF, VS/D = 2V.
Boldface limits apply over the operating temperature range. (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com