Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILC7280 Datasheet(PDF) 2 Page - Impala Linear Corporation

Part # ILC7280
Description  MICROPOWER DUAL 150MA CMOS RF LDO REGULATORS WITH 75DB RIPPLE REJECTION
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMPALA [Impala Linear Corporation]
Direct Link  
Logo IMPALA - Impala Linear Corporation

ILC7280 Datasheet(HTML) 2 Page - Impala Linear Corporation

  ILC7280 Datasheet HTML 1Page - Impala Linear Corporation ILC7280 Datasheet HTML 2Page - Impala Linear Corporation ILC7280 Datasheet HTML 3Page - Impala Linear Corporation ILC7280 Datasheet HTML 4Page - Impala Linear Corporation ILC7280 Datasheet HTML 5Page - Impala Linear Corporation ILC7280 Datasheet HTML 6Page - Impala Linear Corporation ILC7280 Datasheet HTML 7Page - Impala Linear Corporation ILC7280 Datasheet HTML 8Page - Impala Linear Corporation ILC7280 Datasheet HTML 9Page - Impala Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Micropower dual 150mA CMOS RF LDO™ Regulators with 75dB Ripple Rejection
Impala Linear Corporation
2
(408) 574-3939
www.impalalinear.com
May 2000
ILC7280 1.8
Advance
Pin Number
1
2
3
4
5
6
7
8
Pin Name
VOUTA
GND
VOUTB
CNOISE (optional)
ENB
VINB
ENA
VINA
Pin Description
Regulator Output A
Ground
Regulator Output B
Voltage Reference Bypass: Connect external 22pF capacitor to GND to minimize
output noise in regulator “A” or “B.” May be left open. Do not ground.
Enable/Shutdown B (input): CMOS compatible input. Logic high = enable, logic low or
open = shutdown. Do not leave floating.
Supply Input B (Internally connected to pin 8)
*
Enable/Shutdown A (Input): CMOS compatible input. Logic high = enable, logic low or
open = shutdown. Do not leave floating.
Supply Input A (Internally connected to pin 6)
*
Galvanic connection only.
C
NOISE(optional)
1
2
3
4
5
6
7
8
V
INA
EN
A
V
INB
EN
B
V
OUTB
GND
V
OUTA
MSOP
(TOP VIEW)
ILC7280CS-XXXX
Pin-Package Configurations
Pin Functions ILC7280
*If maximum current required from each regulator then connect both pin 6 and pin 8 to VDD



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com