Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILC7281 Datasheet (PDF) - Impala Linear Corporation

ILC7281 Datasheet PDF - Impala Linear Corporation
Part # ILC7281
Download  ILC7281 Download
File Size   74.69 Kbytes
Page   9 Pages
Manufacturer  IMPALA [Impala Linear Corporation]
Direct Link  
Logo IMPALA - Impala Linear Corporation
Description MICROPOWER DUAL 150MA CMOS RF LDO REGULATORS WITH POWER SUPPLY RESET MONITOR

ILC7281 Datasheet (PDF)

Go To PDF Page Download Datasheet
ILC7281 Datasheet PDF - Impala Linear Corporation

Part # ILC7281
Download  ILC7281 Click to download

File Size   74.69 Kbytes
Page   9 Pages
Manufacturer  IMPALA [Impala Linear Corporation]
Direct Link  
Logo IMPALA - Impala Linear Corporation
Description MICROPOWER DUAL 150MA CMOS RF LDO REGULATORS WITH POWER SUPPLY RESET MONITOR

ILC7281 Datasheet (HTML) - Impala Linear Corporation


ILC7281 Product details

General Description
The ILC7281 provides two independant 150mA low dropout (LDO) voltage regulators and power supply reset monitor in an 8-pin MSOP package. Each regulator output is independantly short circuit protected and has independant shutdown. The device offers a unique combination of low dropout voltage and low quiescent current of CMOS and low noise and high ripple rejection characteristics of bipolar LDO regulators. Moreover, only one input capacitor is required. The power supply reset monitor is available in a ±1% accurate trip voltage to fit most microprocessor applications. Even though its output can sink 2mA, the monitor draws only 1µA in normal operation. Additionally, a built-in hysteresis of 5% of detect voltage simplifies system design.

Features
• Guaranteed 150mA output per regulator
• Ultra low 150mV dropout at 150mA
• 1% output voltage accuracy
• Built-in hysteresis of 5% of detection voltage
• Requires only 0.47µF output capacitor
• Only 30µA ground current at 150mA load
• 75dB ripple rejection at 1kHz (COUT = 0.47µF)
• 80µVRMS noise at BW = 300Hz to 50kHz
• Excellent line and load transient rsponse
• Over current / over temperature protection
• 8-pin MSOP package
• -80dB cross talk

Applications
• Cellular Phones, pagers and wireless headsets
• Microprocessor reset circuits
• Palmtops, oragnizers, PDA’s and portable electronics
• Microprocessor reset circuits
• Battery powered portable appliances
• Memory battery back-up circuitry




Similar Part No. - ILC7281

ManufacturerPart #DatasheetDescription
logo
Impala Linear Corporati...
ILC7280 IMPALA-ILC7280 Datasheet
63Kb / 9P
MICROPOWER DUAL 150MA CMOS RF LDO REGULATORS WITH 75DB RIPPLE REJECTION
logo
Fairchild Semiconductor
ILC7280 FAIRCHILD-ILC7280 Datasheet
383Kb / 9P
Micropower Dual 150mA CMOS RF LDO-TM Regulators
ILC7280AR2530X FAIRCHILD-ILC7280AR2530X Datasheet
383Kb / 9P
Micropower Dual 150mA CMOS RF LDO-TM Regulators
ILC7280AR2828X FAIRCHILD-ILC7280AR2828X Datasheet
383Kb / 9P
Micropower Dual 150mA CMOS RF LDO-TM Regulators
ILC7280AR2830X FAIRCHILD-ILC7280AR2830X Datasheet
383Kb / 9P
Micropower Dual 150mA CMOS RF LDO-TM Regulators
More results


Similar Description - ILC7281

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1452 SEMTECH-SC1452 Datasheet
116Kb / 7P
DUAL 150mA LDO REGULATOR WITH PROGRAMMABLE RESET
logo
Impala Linear Corporati...
ILC7280 IMPALA-ILC7280 Datasheet
63Kb / 9P
MICROPOWER DUAL 150MA CMOS RF LDO REGULATORS WITH 75DB RIPPLE REJECTION
logo
California Micro Device...
CM3102 CALMIRCO-CM3102 Datasheet
236Kb / 9P
Micropower 1.2V/150mA CMOS LDO Regulator with Power Good
logo
Fairchild Semiconductor
ILC7280 FAIRCHILD-ILC7280 Datasheet
383Kb / 9P
Micropower Dual 150mA CMOS RF LDO-TM Regulators
logo
Linear Technology
LT1762 LINER-LT1762 Datasheet
229Kb / 16P
150mA, Low Noise, LDO Micropower Regulators
logo
Semtech Corporation
SC1452 SEMTECH-SC1452_06 Datasheet
288Kb / 15P
Dual 150mA LDO Regulator with Programmable Reset
logo
Rohm
BH12PB1WHFV ROHM-BH12PB1WHFV_11 Datasheet
353Kb / 11P
1ch 150mA CMOS LDO Regulators
BH15RB1WGUT ROHM-BH15RB1WGUT_11 Datasheet
303Kb / 9P
1ch 150mA CMOS LDO Regulators
BH25NB1WHFV ROHM-BH25NB1WHFV_11 Datasheet
303Kb / 9P
1ch 150mA CMOS LDO Regulators
logo
Linear Technology
LT1762 LINER-LT1762_15 Datasheet
425Kb / 16P
150mA, Low Noise, LDO Micropower Regulators
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com