Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F002BC Datasheet(PDF) 21 Page - Intel Corporation

Part # 28F002BC
Description  28F002BC 2-MBIT (256K X 8) BOOT BLOCK FLASH MEMORY
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F002BC Datasheet(HTML) 21 Page - Intel Corporation

Back Button 28F002BC Datasheet HTML 17Page - Intel Corporation 28F002BC Datasheet HTML 18Page - Intel Corporation 28F002BC Datasheet HTML 19Page - Intel Corporation 28F002BC Datasheet HTML 20Page - Intel Corporation 28F002BC Datasheet HTML 21Page - Intel Corporation 28F002BC Datasheet HTML 22Page - Intel Corporation 28F002BC Datasheet HTML 23Page - Intel Corporation 28F002BC Datasheet HTML 24Page - Intel Corporation 28F002BC Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
E
28F002BC 2-MBIT BOOT BLOCK FLASH MEMORY
21
PRELIMINARY
SR.7 =
0
1
Start
Write 20H and
Block Address
Write D0H and
Block Address
Full Status
Check if Desired
Block Erase
Complete
FULL STATUS CHECK PROCEDURE
1
0
Read Status Register
Data (See Above)
1
0
Read Status Register
V
Range Error
Suspend
Erase
Suspend Erase
Loop
Yes
No
1
0
Command Sequence
Error
SR.3 =
SR.5 =
SR.4,5 =
Block Erase
Error
PP
Bus
Operation
Command
Comments
Standby
Check SR.4,5
Both 1 = Command
Sequence Error
Standby
SR.3 MUST be cleared, if set during an erase attempt, before further
attempts are allowed by the Write State Machine.
SR.5 is only cleared by the Clear Status Register command, in
cases where multiple blocks are erase before full status is checked.
If error is detected, clear the status register before attempting
retry or other error recovery.
Check SR.5
1 = Block Erase Error
Standby
Bus
Operation
Command
Comments
Write
Write
Erase Setup
Read
Data = 20H
Addr = Within Block to Be Erased
Check SR.7
1 = WSM Ready
0 = WSM Busy
Repeat for subsequent block erasures.
Full Status Check can be done after each block erase, or after a
sequence of block erasures.
Write FFH after the last operation to reset device to read array mode.
Status Register Data
Toggle CE# or OE# to Update
Status Register
Standby
Erase
Confirm
Data = D0H
Addr = Within Block to Be Erased
Block Erase
Successful
Check SR.3
1 = V
Low Detect
PP
0578_07
Figure 8. Automated Block Erase Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com