Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F008B3 Datasheet(PDF) 21 Page - Intel Corporation

Part # 28F008B3
Description  SMART 3 ADVANCED BOOT BLOCK BYTE-WIDE
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F008B3 Datasheet(HTML) 21 Page - Intel Corporation

Back Button 28F008B3 Datasheet HTML 17Page - Intel Corporation 28F008B3 Datasheet HTML 18Page - Intel Corporation 28F008B3 Datasheet HTML 19Page - Intel Corporation 28F008B3 Datasheet HTML 20Page - Intel Corporation 28F008B3 Datasheet HTML 21Page - Intel Corporation 28F008B3 Datasheet HTML 22Page - Intel Corporation 28F008B3 Datasheet HTML 23Page - Intel Corporation 28F008B3 Datasheet HTML 24Page - Intel Corporation 28F008B3 Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
E
SMART 3 ADVANCED BOOT BLOCK–BYTE-WIDE
21
PRELIMINARY
Table 7. Status Register Bit Definition
WSMS
ESS
ES
PS
VPPS
PSS
BLS
R
7654
3210
NOTES:
SR.7 WRITE STATE MACHINE STATUS
1 = Ready
(WSMS)
0 = Busy
Check Write State Machine bit first to determine
Byte Program or Block Erase completion, before
checking Program or Erase Status bits.
SR.6 = ERASE-SUSPEND STATUS (ESS)
1 = Erase Suspended
0 = Erase In Progress/Completed
When Erase Suspend is issued, WSM halts
execution and sets both WSMS and ESS bits to
“1.” ESS bit remains set to “1” until an Erase
Resume command is issued.
SR.5 = ERASE STATUS (ES)
1 = Error In Block Erasure
0 = Successful Block Erase
When this bit is set to “1,” WSM has applied the
max. number of erase pulses to the block and is
still unable to verify successful block erasure.
SR.4 = PROGRAM STATUS (PS)
1 = Error in Byte Program
0 = Successful Byte Program
When this bit is set to “1,” WSM has attempted
but failed to program a byte.
SR.3 = VPP STATUS (VPPS)
1 = VPP Low Detect, Operation Abort
0 = VPP OK
The VPP Status bit does not provide continuous
indication of VPP level. The WSM interrogates VPP
level only after the Program or Erase command
sequences have been entered, and informs the
system if VPP has not been switched on. The VPP
is also checked before the operation is verified by
the WSM. The VPP Status bit is not guaranteed to
report accurate feedback between VPPLK and
VPPH.
SR.2 = PROGRAM SUSPEND STATUS (PSS)
1 = Program Suspended
0 = Program in Progress/Completed
When Program Suspend is issued, WSM halts
execution and sets both WSMS and PSS bits to
“1.” PSS bit remains set to “1” until a Program
Resume command is issued.
SR.1 = Block Lock Status
1 = Program/Erase attempted on locked
block; Operation aborted
0 = No operation to locked blocks
If a program or erase operation is attempted to
one of the locked blocks, this bit is set by the
WSM. The operation specified is aborted and the
device is returned to read status mode.
SR.0 = RESERVED FOR FUTURE
ENHANCEMENTS (R)
These bits are reserved for future use and should
be masked out when polling the Status Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com