Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F008B3 Datasheet(PDF) 35 Page - Intel Corporation

Part # 28F008B3
Description  SMART 3 ADVANCED BOOT BLOCK BYTE-WIDE
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F008B3 Datasheet(HTML) 35 Page - Intel Corporation

Back Button 28F008B3 Datasheet HTML 31Page - Intel Corporation 28F008B3 Datasheet HTML 32Page - Intel Corporation 28F008B3 Datasheet HTML 33Page - Intel Corporation 28F008B3 Datasheet HTML 34Page - Intel Corporation 28F008B3 Datasheet HTML 35Page - Intel Corporation 28F008B3 Datasheet HTML 36Page - Intel Corporation 28F008B3 Datasheet HTML 37Page - Intel Corporation 28F008B3 Datasheet HTML 38Page - Intel Corporation 28F008B3 Datasheet HTML 39Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 49 page
background image
E
SMART 3 ADVANCED BOOT BLOCK–BYTE-WIDE
35
PRELIMINARY
Table 13. DC Characteristics: VCCQ = 1.8V–2.2V
Sym
Parameter
Notes
VCC1:
2.7V–2.85V
VCC2:
2.7V–3.3V
Unit
Test Conditions
Typ
Max
ILI
Input Load Current
1
± 1.0
µA
VCC = VCCMax
VCCQ = VCCQMax
VIN = VCCQ or GND
ILO
Output Leakage Current
1
± 10
µA
VCC = VCC Max
VCCQ = VCCQMax
VIN = VCCQ or GND
ICCS
VCC Standby Current
1,7
20
50
µA
CMOS INPUTS
VCC = VCC1 Max (2.7V–2.85V)
VCCQ = VCCQMax
CE# = RP# = VCCQ
150
250
µA
CMOS INPUTS
VCC = VCC2 Max (2.7V–3.3V)
VCCQ = VCCQMax
CE# = RP# = VCCQ
ICCD
VCC Deep Power-Down
Current
1,7
1
10
µA
CMOS INPUTS
VCC = VCCMax (VCC1 or VCC2)
VCCQ = VCCQMax
VIN = VCCQ or GND
RP# = GND ± 0.2V
ICCR
VCC Read Current
1,5,7
8
18
mA
CMOS INPUTS
VCC = VCC1Max (2.7V–2.85V)
VCCQ = VCCQMax
OE# = VIH , CE# = VIL
f = 5 MHz, IOUT = 0 mA
Inputs = VIL or VIH
12
23
mA
CMOS INPUTS
VCC = VCC2Max (2.7V–3.3V)
VCCQ = VCCQMax
OE# = VIH , CE# = VIL
f = 5 MHz, IOUT = 0 mA
Inputs = GND ± 0.2V or VCCQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com