Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E28F004SC-120 Datasheet(PDF) 32 Page - Intel Corporation

Part # E28F004SC-120
Description  BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E28F004SC-120 Datasheet(HTML) 32 Page - Intel Corporation

Back Button E28F004SC-120 Datasheet HTML 28Page - Intel Corporation E28F004SC-120 Datasheet HTML 29Page - Intel Corporation E28F004SC-120 Datasheet HTML 30Page - Intel Corporation E28F004SC-120 Datasheet HTML 31Page - Intel Corporation E28F004SC-120 Datasheet HTML 32Page - Intel Corporation E28F004SC-120 Datasheet HTML 33Page - Intel Corporation E28F004SC-120 Datasheet HTML 34Page - Intel Corporation E28F004SC-120 Datasheet HTML 35Page - Intel Corporation E28F004SC-120 Datasheet HTML 36Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
BYTE-WIDE SmartVoltage FlashFile™ MEMORY FAMILY
E
32
PRELIMINARY
6.4
DC Characteristics—Commercial Temperature(Continued)
2.7 V VCC 3.3 V VCC 5 V VCC
Test
Sym
Parameter
Notes Min Max Min Max Min Max Unit
Conditions
VIL
Input Low Voltage
7
–0.5 0.8 –0.5 0.8 –0.5 0.8
V
VIH
Input High Voltage
7
2.0 VCC
+ 0.5
2.0 VCC
+ 0.5
2.0 VCC
+ 0.5
V
VOL
Output Low Voltage
3,7
0.4
0.4
0.45
V
VCC = VCC Min
IOL = 2 mA (2.7V, 3.3V)
5.8 mA (5V)
VOH1 Output High Voltage (TTL)
3,7
2.4
2.4
2.4
V
VCC = VCC Min
IOH = –2.5 mA
VOH2 Output High Voltage
(CMOS)
3,7
0.85
VCC
0.85
VCC
0.85
VCC
VVCC = VCC Min
IOH = –2.5 mA
VCC
–0.4
VCC
–0.4
VCC
–0.4
VVCC = VCC Min
IOH = –100 µA
VPPLK VPP Lockout Voltage
4,7
1.5
1.5
1.5
V
VPPH1 VPP Voltage

3.0
3.6

V
VPPH2 VPP Voltage

4.5
5.5
4.5
5.5
VPPH3 VPP Voltage
 11.4 12.6 11.4 12.6 V
VLKO VCC Lockout Voltage
2.0
2.0
2.0
V
VHH
RP# Unlock Voltage
8,9
 11.4 12.6 11.4 12.6 V Set Master Lock-Bit
Override Lock-Bit
NOTES:
1. All currents are in RMS unless otherwise noted. Typical values at nominal VCC voltage and TA = +25
°C. These currents are
valid for all product versions (packages and speeds).
2. ICCWS and ICCES are specified with the device de-selected. If read or written while in erase suspend mode, the device’s
current is the sum of ICCWS or ICCES and ICCR or ICCW.
3. Includes RY/BY#.
4. Block erases, programs, and lock-bit configurations are inhibited when VPP
≤ VPPLK, and not guaranteed in the range
between VPPLK (max) and VPPH1 (min), between VPPH1 (max) and VPPH2 (min), between VPPH2 (max) and VPPH3 (min), and
above VPPH3 (max).
5. Automatic Power Savings (APS) reduces typical ICCR to 1 mA at 5 V and 3 mA at 2.7 V and 3.3 V VCC in static operation.
6. CMOS inputs are either VCC ± 0.2 V or GND ± 0.2 V. TTL inputs are either VIL or VIH.
7. Sampled, not 100% tested.
8. Master lock-bit set operations are inhibited when RP# = VIH. Block lock-bit configuration operations are inhibited when the
master lock-bit is set and RP# = VIH. Block erases and programs are inhibited when the corresponding block-lock bit is set
and RP# = VIH. Block erase, program, and lock-bit configuration operations are not guaranteed and should not be
attempted with VIH < RP# < VHH.
9. RP# connection to a VHH supply is allowed for a maximum cumulative period of 80 hours.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com