Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E28F004SC-120 Datasheet(PDF) 40 Page - Intel Corporation

Part # E28F004SC-120
Description  BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E28F004SC-120 Datasheet(HTML) 40 Page - Intel Corporation

Back Button E28F004SC-120 Datasheet HTML 34Page - Intel Corporation E28F004SC-120 Datasheet HTML 35Page - Intel Corporation E28F004SC-120 Datasheet HTML 36Page - Intel Corporation E28F004SC-120 Datasheet HTML 37Page - Intel Corporation E28F004SC-120 Datasheet HTML 38Page - Intel Corporation E28F004SC-120 Datasheet HTML 39Page - Intel Corporation E28F004SC-120 Datasheet HTML 40Page - Intel Corporation E28F004SC-120 Datasheet HTML 41Page - Intel Corporation E28F004SC-120 Datasheet HTML 42Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 40 / 42 page
background image
BYTE-WIDE SmartVoltage FlashFile™ MEMORY FAMILY
E
40
PRELIMINARY
6.8
Extended Temperature Operating Conditions
Except for the specifications given in this section, all DC and AC characteristics are identical to those give in
commercial temperature specifications. See the Section 6.2 for commercial temperature specifications.
Extended Temperature and VCC Operating Conditions
Symbol
Parameter
Notes
Min
Max
Unit
Test Condition
TA
Operating Temperature
–40
+85
°C
Ambient Temperature
6.9
DC Characteristics—Extended Temperature
2.7V VCC 3.3V VCC 5V VCC
Test
Sym
Parameter
Notes Typ Max Typ Max Typ Max Unit
Conditions
ICCD VCC Deep Power-Down
Current
1
202020
µA RP# = GND ± 0.2 V
IOUT (RY/BY#) = 0 mA
NOTE:
1.
All currents are in RMS unless otherwise noted. These currents are valid for all product versions (packages and speeds).
Contact Intel’s Application Support Hotline or your local sales office for information about typical specifications.
6.10
AC Characteristics—Read-Only Operations(1) — Extended Temperature
TA = –40°C to +85°C
5 V ± 10% VCC
-100/-110

Versions(3)
3.3 V ± 0.3 V VCC
-150
Unit
2.7 V
−3.6 V VCC

-170
#
Sym
Parameter
Notes
Min
Max
Min
Max
Min
Max
R1 tAVAV Read Cycle Time
4, 8 Mbit
100
150
170
ns
16 Mbit
110
150
170
ns
R2 tAVQV Address to Output
4, 8 Mbit
100
150
170
ns
Delay
16 Mbit
110
150
170
ns
R3 tELQV CE# to Output Delay 4, 8 Mbit
2
100
150
170
ns
16 Mbit
2
110
150
170
ns
NOTES:
1.
See AC Input/Output Reference Waveform for maximum allowable input slew rate.
2.
OE# may be delayed up to tELQV-tGLQV after the falling edge of CE# without impact on tELQV.
3.
See
Ordering Information for device speeds (valid operational combinations).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com