Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TE28F004SC-100 Datasheet(PDF) 33 Page - Intel Corporation

Part # TE28F004SC-100
Description  BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

TE28F004SC-100 Datasheet(HTML) 33 Page - Intel Corporation

Back Button TE28F004SC-100 Datasheet HTML 29Page - Intel Corporation TE28F004SC-100 Datasheet HTML 30Page - Intel Corporation TE28F004SC-100 Datasheet HTML 31Page - Intel Corporation TE28F004SC-100 Datasheet HTML 32Page - Intel Corporation TE28F004SC-100 Datasheet HTML 33Page - Intel Corporation TE28F004SC-100 Datasheet HTML 34Page - Intel Corporation TE28F004SC-100 Datasheet HTML 35Page - Intel Corporation TE28F004SC-100 Datasheet HTML 36Page - Intel Corporation TE28F004SC-100 Datasheet HTML 37Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
E
BYTE-WIDE SmartVoltage FlashFile™ MEMORY FAMILY
33
PRELIMINARY
TEST POINTS
INPUT
OUTPUT
1.35
2.7
0.0
1.35
AC test inputs are driven at 2.7 V for a Logic "1" and 0.0 V for a Logic "0." Input timing begins, and output timing ends, at 1.35
V. Input rise and fall times (10% to 90%) <10 ns.
Figure 13. Transient Input/Output Reference Waveform for VCC = 2.7 V
−3.6 V
TEST POINTS
INPUT
OUTPUT
1.5
3.0
0.0
1.5
AC test inputs are driven at 3.0 V for a Logic "1" and 0.0 V for a Logic "0." Input timing begins, and output timing ends, at 1.5 V.
Input rise and fall times (10% to 90%) <10 ns.
Figure 14. Transient Input/Output Reference Waveform for VCC = 3.3 V ± 0.3 V and VCC = 5.0 V ± 5%
(High Speed Testing Configuration)
TEST POINTS
INPUT
OUTPUT
2.0
0.8
0.8
2.0
2.4
0.45
AC test inputs are driven at V
OH (2.4 VTTL) for a Logic "1" and VOL (0.45 VTTL) for a Logic "0." Input timing begins at VIH
(2.0 VTTL) and VIL (0.8 VTTL). Output timing ends at VIH and VIL. Input rise and fall times (10% to 90%) <10 ns.
Figure 15. Transient Input/Output Reference Waveform for VCC = 5.0 V
± 10%
(Standard Testing Configuration)
DEVICE
UNDER
TEST
1.3V
1N914
R
L
C
L
OUT
= 3.3 K
NOTE:
CL includes Jig Capacitance
Figure 16. Transient Equivalent Testing
Load Circuit
Test Configuration Capacitance Loading Value
Test Configuration
CL (pF)
VCC = 3.3 V
± 0.3 V, 2.7 V−3.6 V
50
VCC = 5 V
± 5%
30
VCC = 5 V
± 10%
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com