Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TE28F004SC-100 Datasheet(PDF) 41 Page - Intel Corporation

Part # TE28F004SC-100
Description  BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

TE28F004SC-100 Datasheet(HTML) 41 Page - Intel Corporation

Back Button TE28F004SC-100 Datasheet HTML 34Page - Intel Corporation TE28F004SC-100 Datasheet HTML 35Page - Intel Corporation TE28F004SC-100 Datasheet HTML 36Page - Intel Corporation TE28F004SC-100 Datasheet HTML 37Page - Intel Corporation TE28F004SC-100 Datasheet HTML 38Page - Intel Corporation TE28F004SC-100 Datasheet HTML 39Page - Intel Corporation TE28F004SC-100 Datasheet HTML 40Page - Intel Corporation TE28F004SC-100 Datasheet HTML 41Page - Intel Corporation TE28F004SC-100 Datasheet HTML 42Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 41 / 42 page
background image
E
BYTE-WIDE SmartVoltage FlashFile™ MEMORY FAMILY
41
PRELIMINARY
7.0
ORDERING INFORMATION
E 2 8 F 0 0 4 S C - 0 8
Operating Temperature/Package
E = Comm. Temp. 40-Lead TSOP
TE = Extended Temp. 40-Lead TSOP
PA = Comm. Temp 44-Lead PSOP
TB = Ext. Temp 44-Lead PSOP
G = Comm. Temp. 40-Ball µBGA* CSP
Product line designator for all Intel Flash products
Access Speed (ns)
85 ns (5 V, 30 pF), 90 ns (5 V)
120 ns (3.3 V), 150 ns (2.7 V)
Product Family
S = FlashFile™ Memory
Device Density
004 = 4 Mbit
008 = 8 Mbit
016 = 16 Mbit
Voltage Options (V
CC/VPP)
C = SmartVoltage Flash
(2.7 V, 3.3 V and
5 V/3.3 V, 5 V and 12 V)
5
Valid Operational Combinations
Order Code by Density
5V VCC
4-Mbit
8-Mbit
16-Mbit
2.7V VCC,
50pF load
3.3V VCC,
50pF load
10% VCC,
100pF load
5% VCC,
30pF load
Commercial Temperature
E28F004SC-85
E28F008SC-85
E28F016SC-95
-150
-120
-90/-100(1)
-85/95(1)
E28F004SC-120
E28F008SC-120
E28F016SC-120
-170
-150
-120
PA28F004SC-85
PA28F008SC-85
PA28F016SC-95
-150
-120
-90/-100(1)
-85/95(1)
PA28F004SC-120 PA28F008SC-120 PA28F016SC-120
-170
-150
-120
G28F008SC-120
G28F016SC-120
-170
–150
–120
G28F008SC-150
G28F016SC-150
-170
–150
–120
Extended Temperature
TE28F004SC-100 TE28F008SC-100 TE28F016SC-110
-170
-150
-100/-110(1)
TB28F004SC-100 TB28F008SC-100 TB28F016SC-110
-170
-150
-100/-110(1)
NOTE:
1.
Valid access time for 16-Mbit byte-wide FlashFile memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com