Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TB28F004SC-100 Datasheet(PDF) 27 Page - Intel Corporation

Part # TB28F004SC-100
Description  BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

TB28F004SC-100 Datasheet(HTML) 27 Page - Intel Corporation

Back Button TB28F004SC-100 Datasheet HTML 23Page - Intel Corporation TB28F004SC-100 Datasheet HTML 24Page - Intel Corporation TB28F004SC-100 Datasheet HTML 25Page - Intel Corporation TB28F004SC-100 Datasheet HTML 26Page - Intel Corporation TB28F004SC-100 Datasheet HTML 27Page - Intel Corporation TB28F004SC-100 Datasheet HTML 28Page - Intel Corporation TB28F004SC-100 Datasheet HTML 29Page - Intel Corporation TB28F004SC-100 Datasheet HTML 30Page - Intel Corporation TB28F004SC-100 Datasheet HTML 31Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
E
BYTE-WIDE SmartVoltage FlashFile™ MEMORY FAMILY
27
PRELIMINARY
SR.7 =
0
1
Start
Write 60H
Write D0H
Full Status
Check if Desired
Clear Block Lock-Bits
Complete
FULL STATUS CHECK PROCEDURE
1
0
Read Status Register
Data (See Above)
1
0
Read Status
Register
V
Range Error
1
0
Command Sequence
Error
SR.3 =
SR.5 =
SR.4,5 =
Clear Block Lock-Bits
Error
Bus
Operation
Command
Comments
Standby
Check SR.4,5
Both 1 = Command Sequence Error
Standby
SR.5, SR.4, SR.3 and SR.1 are only cleared by the Clear Status
Register command.
If error is detected, clear the Status Register before attempting
retry or other error recovery.
Check SR.5
1 = Clear Block Lock-Bits Error
Standby
Bus
Operation
Command
Comments
Write
Write
Clear Block
Lock-Bits Setup
Read
Data = 60H
Addr = X
Check SR.7
1 = WSM Ready
0 = WSM Busy
Write FFH after the Clear Block Lock-Bits operation to place device
to read array mode.
Status Register Data
Standby
Clear Block
Lock-Bits Confirm
Data = D0H
Addr = X
Clear Block Lock-Bits
Successful
Standby
0
1
Device Protect Error
SR.1=
Check SR.3
1 = V
Error Detect
PP
PP
Check SR.1
1 = Device Protect Detect
RP# = V , Master Lock-Bit Is Set
IH
Figure 12. Clear Block Lock-Bits Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com